Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPVI19-31(L-B) Datasheet(PDF) 1 Page - Total Power International

Part # TPVI19-31(L-B)
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI19-31(L-B) Datasheet(HTML) 1 Page - Total Power International

  TPVI19-31(L-B) Datasheet HTML 1Page - Total Power International TPVI19-31(L-B) Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc.
Total Power International, Inc Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE &
MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPVI19 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT OPEN FRAME FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: Molex 5273(vertical).
Mating Connector: Molex 5195 or equivalent.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 20A @ 230Vac.
Input Current: Typ. 0.70A @115Vac, 0.3A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 40mS @115Vac, 150mS @230Vac.
Earth Leakage: Less than 0.3mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connecter: Molex 5273 or 41671.
Mating Connector: Molex 5195 or 3069.
Output Wattage: PCB 19 watts, L-Bracket 25 watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1-2%
Aux. VO2 typ. ± 3-5% (stacked on).
Aux. VO3 typ. ±2-3% (P.R.).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at Main VO1.
Adjustability: Available at Main VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 70%.
Switching Frequency: 40K Hz.
Circuit Topology: Free-running flyback circuit.
Transient Response: Output voltage returns in less than
3ms following a 25% load change.
Power Density: 1.26-1.58 Watts /Cubic Inch.
Operating Temperature: 0 to +50 °C.
Storage Temperature: -20 to +85 °C.
Temperature Coefficient: Typ. 0.04% / °C.
Cooling: Free air convection cooling.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Construction: PCB or L-Bracket format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.


Similar Part No. - TPVI19-31(L-B)

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI10 TOTAL-POWER-TPVI10 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-10 TOTAL-POWER-TPVI10-10 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-11 TOTAL-POWER-TPVI10-11 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-12 TOTAL-POWER-TPVI10-12 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-13 TOTAL-POWER-TPVI10-13 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
More results

Similar Description - TPVI19-31(L-B)

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI-72 TOTAL-POWER-TPVI-72 Datasheet
437Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-43 TOTAL-POWER-TPVI-43 Datasheet
266Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE
TPVI-41 TOTAL-POWER-TPVI-41 Datasheet
527Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE
logo
List of Unclassifed Man...
UPS30-4003 ETC2-UPS30-4003 Datasheet
90Kb / 2P
   Open Frame 2.76X5.12 Universal Input AC/DC Converter
logo
Total Power Internation...
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
logo
HITRON ELECTRONICS CORP...
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com