Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSBU101-110 Datasheet(PDF) 2 Page - Total Power International

Part # TPSBU101-110
Description  100W Open Frame Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSBU101-110 Datasheet(HTML) 2 Page - Total Power International

  TPSBU101-110 Datasheet HTML 1Page - Total Power International TPSBU101-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
6W
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.InputconnectormateswithMolexhousing
09-52-4034andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-52-4134andMolex2478seriescrimpterminal.
Weight:345gsapprox.
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
N/C
RTN
RTN
TPSBU101-1XX
PIN
MODEL
PINCHART
1
2
3
4
5
6
7
8
9
10
11
12
13
TPSBU101-101
3~5VDC
5%
54W
70W
80W
100W
100W
100W
100W
100W
100W
100W
100W
5%
5%
5%
3%
3%
3%
2%
2%
2%
2%
14.00~11.66 A
18.00~10.80 A
13.33~8.88 A
11.11~9.09 A
9.09~7.69 A
7.69~6.25 A
6.25~4.76 A
4.76~3.70 A
3.70~3.03 A
3.03~2.50 A
2.50~2.00 A
5~6VDC
6~9VDC
9~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
TPSBU101-102
TPSBU101-103
TPSBU101-104
TPSBU101-105
TPSBU101-106
TPSBU101-107
TPSBU101-108
TPSBU101-109
TPSBU101-110
TPSBU101-111
100WOpenFrameType
TPSBU101 SERIES
I.T.E.PowerSupplies
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
DeratingC rve:
u
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - TPSBU101-110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU100-102 TOTAL-POWER-TPSBU100-102 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU100-103 TOTAL-POWER-TPSBU100-103 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU100-104 TOTAL-POWER-TPSBU100-104 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU100-105 TOTAL-POWER-TPSBU100-105 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU100-106 TOTAL-POWER-TPSBU100-106 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results

Similar Description - TPSBU101-110

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SBU100 DBLECTRO-SBU100 Datasheet
432Kb / 2P
   100W Open frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSBU-20 TOTAL-POWER-TPSBU-20 Datasheet
236Kb / 2P
   30W Open Frame Type I.T.E. Power Supplies
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSUU-101 TOTAL-POWER-TPSUU-101 Datasheet
277Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
TPSUU-100 TOTAL-POWER-TPSUU-100 Datasheet
257Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
logo
DB Lectro Inc
SBU120 DBLECTRO-SBU120 Datasheet
159Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU120 VOLGEN-SBU120 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com