Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

932SQL456AGILFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 932SQL456AGILFT
Description  Low-Power CK420BQ Derivative for PCIe
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGILFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 932SQL456AGILFT Datasheet HTML 5Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 6Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 7Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 8Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 9Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 10Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 11Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 12Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
REVISION B 09/29/15
9
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 932SQL456. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Current Consumption
AC Electrical Characteristics–CPU, SRC, NS_SAS, NS_SRC, DOT96 LP-HCSL
Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Case Temperature
Tc
110
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Current
IDD3.3OP
All outputs active @100MHz,
CL = Full load;
217
250
mA
1
Powerdown Current
IDD3.3PDZ
4.3
8
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
TA = TAMB; Supply Voltage VDDx = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Duty Cycle
tDC
Measured differentially, PLL
Mode
45
49.6%
55
%
Skew, Output to Output
tsk3SRC
Across all SRC outputs,
VT = 50%
23
50
ps
1
Skew, Output to Output
tsk3CPU
Across all CPU outputs,
VT = 50%
24
50
ps
1
CPU, SRC, NS_SAS outputs
6
50
ps
1,3
DOT96 output
5
50
ps
1,3
1Guaranteed by design and characterization, not 100% tested in production.
2 Zo=85Ω (differential impedance).
3 Measured from differential waveform
Jitter, Cycle to cycle
tjcyc-cyc


Similar Part No. - 932SQL456AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL456AGILFT IDT-932SQL456AGILFT Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
logo
Renesas Technology Corp
932SQL456AGILFT RENESAS-932SQL456AGILFT Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
More results

Similar Description - 932SQL456AGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
logo
Integrated Device Techn...
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
logo
Renesas Technology Corp
932SQL456 RENESAS-932SQL456 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
   4-output CK420BQ Derivative
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
   2-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
   8-output CK420BQ Derivative
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com