Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844S012AKILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 844S012AKILF
Description  Crystal-to-LVDS/LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844S012AKILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 844S012AKILF Datasheet HTML 7Page - Integrated Device Technology 844S012AKILF Datasheet HTML 8Page - Integrated Device Technology 844S012AKILF Datasheet HTML 9Page - Integrated Device Technology 844S012AKILF Datasheet HTML 10Page - Integrated Device Technology 844S012AKILF Datasheet HTML 11Page - Integrated Device Technology 844S012AKILF Datasheet HTML 12Page - Integrated Device Technology 844S012AKILF Datasheet HTML 13Page - Integrated Device Technology 844S012AKILF Datasheet HTML 14Page - Integrated Device Technology 844S012AKILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
844S012 REVISION B 08/25/15
11
©2015 Integrated Device Technology, Inc.
844S012 Data Sheet
CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
Parameter Measurement Information, continued
LVCMOS Output Skew
LVCMOS Rise/Fall Time
LVCMOS Output Duty Cycle/Pulse Width/Period
RMS Period Jitter
LVDS Output Rise/Fall Time
LVDS Output Duty Cycle/Pulse Width/Period
tsk(o)
V
DDOX
2
V
DDOX
2
Qy
Qx
20%
80%
80%
20%
tR
t F
QB[0:6],
QC,
REF_OUT0,
REF_OUT1
QB[0:6],
QC,
REF_OUT0,
REF_OUT1
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
20%
80%
80%
20%
tR
t F
VOD
QA[0:1]
nQA[0:1]
QA[0:1]
nQA[0:1]


Similar Part No. - 844S012AKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S012AKILF RENESAS-844S012AKILF Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
844S012AKILFT RENESAS-844S012AKILFT Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
More results

Similar Description - 844S012AKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S012I-01 RENESAS-844S012I-01 Datasheet
578Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Pericom Semiconductor C...
PI6LC4840 PERICOM-PI6LC4840 Datasheet
857Kb / 10P
   Crystal to LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Device Techn...
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com