Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHPFL-0045-BNC Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CHPFL-0045-BNC
Description  7th Order Chebyshev Response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CHPFL-0045-BNC Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CHPFL-0045-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CHPFL-0045-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION CHPFL-0045-BNC Datasheet HTML 3Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Rev A
Product Control:
Crystek Part Number:
Revision Level:
CHPFL-0045-BNC
A
Release Date:
Responsible:
09-Jul-2015
K. Piotrowicz
FREQ
(MHz)
INSERTION LOSS
(dB)
RETURN LOSS
(dB)
0.300
1.799
3.297
4.796
6.294
7.793
9.291
10.790
12.288
13.787
15.285
16.784
18.282
19.781
21.279
22.778
24.276
25.775
27.273
28.772
30.270
31.769
33.267
36.264
37.763
39.261
42.258
43.757
57.243
69.231
78.222
105.195
120.180
168.132
195.105
225.075
273.027
300.000
0.05
0.02
0.01
0.01
0.02
0.03
0.04
0.06
0.08
0.11
0.14
0.18
0.23
0.28
0.35
0.43
0.53
0.65
0.80
0.99
1.24
1.59
2.08
3.90
5.37
7.19
11.19
13.03
22.91
32.25
25.89
18.19
17.09
16.60
17.00
17.79
19.78
20.99
74.72
100.11
100.34
112.09
109.07
101.67
106.44
89.65
81.67
73.61
67.14
61.01
55.27
49.92
44.91
40.15
35.63
31.31
27.16
23.17
19.36
15.75
12.39
6.88
4.93
3.55
2.06
1.69
0.73
0.51
0.43
0.35
0.32
0.27
0.24
0.20
0.16
0.15
Page 3 of 3


Similar Part No. - CHPFL-0045-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0010-BNC CRYSTEKMICROWAVE-CHPFL-0010-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0025-BNC CRYSTEKMICROWAVE-CHPFL-0025-BNC Datasheet
470Kb / 3P
   7th Order Chebyshev Response
CHPFL-0050-BNC CRYSTEKMICROWAVE-CHPFL-0050-BNC Datasheet
468Kb / 3P
   7th Order Chebyshev Response
CHPFL-0080-BNC CRYSTEKMICROWAVE-CHPFL-0080-BNC Datasheet
469Kb / 3P
   7th Order Chebyshev Response
More results

Similar Description - CHPFL-0045-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0050-BNC CRYSTEKMICROWAVE-CHPFL-0050-BNC Datasheet
468Kb / 3P
   7th Order Chebyshev Response
CHPFL-0150-BNC CRYSTEKMICROWAVE-CHPFL-0150-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0025-BNC CRYSTEKMICROWAVE-CHPFL-0025-BNC Datasheet
470Kb / 3P
   7th Order Chebyshev Response
CHPFL-0080-BNC CRYSTEKMICROWAVE-CHPFL-0080-BNC Datasheet
469Kb / 3P
   7th Order Chebyshev Response
CHPFL-0010-BNC CRYSTEKMICROWAVE-CHPFL-0010-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0100-BNC CRYSTEKMICROWAVE-CHPFL-0100-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CLPFL-0050 CRYSTEKMICROWAVE-CLPFL-0050 Datasheet
337Kb / 3P
   7th Order Chebyshev Response
CLPFL-0070-BNC CRYSTEKMICROWAVE-CLPFL-0070-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
CLPFL-0090-BNC CRYSTEKMICROWAVE-CLPFL-0090-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
CLPFL-0015-BNC CRYSTEKMICROWAVE-CLPFL-0015-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com