Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78L05AIDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UA78L05AIDRG4
Description  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L05AIDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UA78L05AIDRG4 Datasheet HTML 4Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 5Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 6Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 7Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 8Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 9Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 10Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 11Page - Texas Instruments UA78L05AIDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
Electrical Characteristics: UA78L10 (continued)
at specified virtual junction temperature, VI = 14 V, and IO = 40 mA (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
Bias current
TJ = 25°C
4.2
6
mA
TJ = 125°C
5.5
Bias current change
TJ = 0°C to 125°C
VI = 14 V to 25 V
1.5
mA
IO = 1 mA to 40 mA
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output.
6.11 Electrical Characteristics: UA78L12
at specified virtual junction temperature, VI = 19 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage
VI = 14 V to 27 V, and
IO = 1 mA to 40 mA
TJ = 25°C
UA78L12C
11.1
12
12.9
V
UA78L12AC
11.5
12
12.5
TJ = 0°C to 125°C
UA78L12C
10.8
13.2
UA78L12AC
11.4
12.6
TJ = 0°C to 125°C, and IO = 1 mA to 70 mA
UA78L12C
10.8
13.2
UA78L12AC
11.4
12.6
Input voltage regulation
TJ = 25°C
VI = 14.5 V to 27 V
55
250
mV
VI = 16 V to 27 V
49
200
Ripple rejection
TJ = 25°C
VI = 15 V to 25 V, and f
= 120 Hz
UA78L12C
36
42
dB
UA78L12AC
37
42
Output voltage regulation
TJ = 25°C
IO = 1 mA to 100 mA
22
100
mV
IO = 1 mA to 40 mA
13
50
Output noise voltage
TJ = 25°C, and f = 10 Hz to 100 kHz
70
µV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
4.3
6.5
mA
TJ = 125°C
6
Bias current change
TJ = 0°C to 125°C
VI = 16 V to 27 V
1.5
mA
IO = 1 mA to 40 mA
UA78L12C
0.2
UA78L12AC
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output.
6.12 Electrical Characteristics: UA78L15
at specified virtual junction temperature, VI = 23 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage
VI = 17.5 V to 30 V,
and IO = 1 mA to 40
mA
TJ = 25°C
UA78L15C
13.8
15
16.2
V
UA78L15AC
14.4
15
15.6
TJ = 0°C to 125°C
UA78L15C
13.5
16.5
UA78L15AC
14.25
15.75
TJ = 0°C to 125°C, and IO = 1 mA to 70 mA
UA78L15C
13.5
16.5
UA78L15AC
14.25
15.75
Input voltage regulation
TJ = 25°C
VI = 17.5 V to 30 V
65
300
mV
VI = 20 V to 30 V
58
250
Ripple rejection
TJ = 25°C
VI = 18.5 V to 28.5 V,
and f = 120 Hz
UA78L15C
33
39
dB
UA78L15AC
34
39


Similar Part No. - UA78L05AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L05AIDRG4 TI-UA78L05AIDRG4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRG4 TI-UA78L05AIDRG4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRG4 TI-UA78L05AIDRG4 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRG4 TI1-UA78L05AIDRG4 Datasheet
693Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDRG4 TI1-UA78L05AIDRG4 Datasheet
1Mb / 28P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L05AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com