Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82675SIPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82675SIPR
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82675SIPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS82675SIPR Datasheet HTML 5Page - Texas Instruments TPS82675SIPR Datasheet HTML 6Page - Texas Instruments TPS82675SIPR Datasheet HTML 7Page - Texas Instruments TPS82675SIPR Datasheet HTML 8Page - Texas Instruments TPS82675SIPR Datasheet HTML 9Page - Texas Instruments TPS82675SIPR Datasheet HTML 10Page - Texas Instruments TPS82675SIPR Datasheet HTML 11Page - Texas Instruments TPS82675SIPR Datasheet HTML 12Page - Texas Instruments TPS82675SIPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Gate Driver
Anti-
Shoot Through
Power Save Mode
Feedback Divider
+
Frequency
Control
R1
R2
L
GND
Soft-Start
EN
VIN
Current Limit
Detect
Undervoltage
Lockout
Bias Supply
Bandgap
Thermal
Shutdown
Negative Inductor
Current Detect
VIN
MODE
V
= 0.8 V
REF
V
REF
C
I
1µH
C
4.7 µF
O
Switching
VOUT
DC/DC CONVERTER
2.2 µF
Copyright © 2016, Texas Instruments Incorporated
9
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
www.ti.com
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS8267x is a stand-alone, synchronous, step-down converter. The converter operates at a regulated 5.5-
MHz frequency pulse width modulation (PWM) at moderate to heavy load currents. At light load currents, the
TPS8267x converter operates in power-save mode with pulse frequency modulation (PFM).
The converter uses a unique frequency-locked ring-oscillating modulator to achieve best-in-class load and line
response. One key advantage of the non-linear architecture is that there is no traditional feed-back loop. The
loop response to change in VO is essentially instantaneous, which explains the transient response. Although this
type of operation normally results in a switching frequency that varies with input voltage and load current, an
internal frequency lock loop (FLL) holds the switching frequency constant over a large range of operating
conditions.
Combined with best-in-class load and line-transient response characteristics, the low quiescent current of the
device (approximately 17
μA) helps to maintain high efficiency at light load while that current preserves a fast
transient response for applications that require tight output regulation.
The TPS8267x integrates an input current limit to protect the device against heavy load or short circuits and
features an undervoltage lockout circuit to prevent the device from misoperation at low input voltages. Fully
functional operation is permitted down to 2.1V input voltage.
9.2 Functional Block Diagram


Similar Part No. - TPS82675SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82675SIPR TI1-TPS82675SIPR Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82675SIPR TI1-TPS82675SIPR Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI-TPS82675SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82675SIPR TI1-TPS82675SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82675SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com