Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS826745SIPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS826745SIPT
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS826745SIPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS826745SIPT Datasheet HTML 1Page - Texas Instruments TPS826745SIPT Datasheet HTML 2Page - Texas Instruments TPS826745SIPT Datasheet HTML 3Page - Texas Instruments TPS826745SIPT Datasheet HTML 4Page - Texas Instruments TPS826745SIPT Datasheet HTML 5Page - Texas Instruments TPS826745SIPT Datasheet HTML 6Page - Texas Instruments TPS826745SIPT Datasheet HTML 7Page - Texas Instruments TPS826745SIPT Datasheet HTML 8Page - Texas Instruments TPS826745SIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
250
225
200
175
150
125
100
75
50
25
0
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
I - Load Current - mA
O
V = 3.6 V,
V = 1.8 V
I
O
Efficiency
PFM/PWM Operation
Power Loss
PFM/PWM Operation
VIN
SW
FB
MODE
GND
EN
VOUT
1.8 V @ 600mA
C
I
TPS82671SIP
L
VIN
2.3 V .. 4.8 V
C
O
MODE
SELECTION
ENABLE
DC/DC Converter
GND
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
TPS8267x 600-mA, High-Efficiency MicroSiP™ Step-Down Converter (Profile <1.0mm)
1
1 Features
1
90% Efficiency at 5.5 MHz Operation
17
μA Quiescent Current
Wide VIN Range From 2.3 V to 4.8 V
5.5MHz Regulated Frequency Operation
Spread Spectrum, PWM Frequency Dithering
Best in Class Load and Line Transient
±2% Total DC Voltage Accuracy
Automatic PFM/PWM Mode Switching
Low Ripple Light-Load PFM Mode
≥35dB VIN PSRR (1kHz to 10kHz)
Internal Soft Start, 120-µs Start-Up Time
Integrated Active Power-Down Sequencing
(Optional)
Current Overload and Thermal Shutdown
Protection
Sub 1-mm Profile Solution
Total Solution Size <6.7 mm2
2 Applications
Cell Phones, Smart-Phones
Camera Module, Optical Data Module
Wearable Electronics
Digital TV, WLAN, GPS and Bluetooth™
Applications
POL Applications
3 Description
The TPS8267x device is a complete 600mA, DC/DC
step-down power supply intended for low-power
applications.
Included
in
the
package
are
the
switching
regulator,
inductor
and
input/output
capacitors. No additional components are required to
finish the design.
The
TPS8267x
is
based
on
a
high-frequency
synchronous step-down dc-dc converter optimized for
battery-powered
portable
applications.
The
MicroSiP™ DC/DC converter operates at a regulated
5.5-MHz switching frequency and enters the power-
save mode operation at light load currents to maintain
high efficiency over the entire load current range.
The PFM mode extends the battery life by reducing
the quiescent current to 17
μA (typ) during light load
operation. For noise-sensitive applications, the device
has PWM spread spectrum capability providing a
lower noise regulated output, as well as low noise at
the input. These features, combined with high PSRR
and AC load regulation performance, make this
device suitable to replace a linear regulator to obtain
better power conversion efficiency.
The TPS8267x is packaged in a compact (2.3mm x
2.9mm) and low profile (1.0mm) BGA package
suitable for automated assembly by standard surface
mount equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS8267x
µSIP (8)
2.30 x 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
spacer
Efficiency vs Output Current
spacer


Similar Part No. - TPS826745SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS826745SIPT TI-TPS826745SIPT Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS826745SIPT TI1-TPS826745SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS826745SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com