Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN78MCDCYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN78MCDCYR
Description  Positive-Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN78MCDCYR Datasheet(HTML) 1 Page - Texas Instruments

  SN78MCDCYR Datasheet HTML 1Page - Texas Instruments SN78MCDCYR Datasheet HTML 2Page - Texas Instruments SN78MCDCYR Datasheet HTML 3Page - Texas Instruments SN78MCDCYR Datasheet HTML 4Page - Texas Instruments SN78MCDCYR Datasheet HTML 5Page - Texas Instruments SN78MCDCYR Datasheet HTML 6Page - Texas Instruments SN78MCDCYR Datasheet HTML 7Page - Texas Instruments SN78MCDCYR Datasheet HTML 8Page - Texas Instruments SN78MCDCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
UA78MXX
INPUT
OUTPUT
COMMON
0.33 2F
0.1 2F
Unregulated Voltage Source
Up to 500 mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
uA78M05, uA78M06, uA78M08
uA78M09, uA78M10, uA78M12, uA78M33
SLVS059T – JUNE 1976 – REVISED JANUARY 2015
µA78Mxx Positive-Voltage Regulators
1 Features
3 Description
This series of fixed-voltage integrated-circuit voltage
1
3-Terminal Regulators
regulators
is
designed
for
a
wide
range
of
Output Current up to 500 mA
applications.
The
applications
include
on-card
No External Components
regulation for elimination of noise and distribution
problems associated with single-point regulation.
Internal Thermal-Overload Protection
Each of these regulators can deliver up to 500 mA of
High Power-Dissipation Capability
output current. The internal current-limiting and
Internal Short-Circuit Current Limiting
thermal-shutdown
features
of
these
regulators
essentially make them immune to overload. In
Output Transistor Safe-Area Compensation
addition to use as fixed-voltage regulators, these
devices can be used with external components to
2 Applications
obtain adjustable output voltages and currents and
On-Card Regulation
also
as
the
power-pass
element
in
precision
Portable Devices
regulators.
Computing & Servers
Device Information(1)
Telecommunications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-223 (3)
6.50 mm x 3.50 mm
UA78Mxx
TO-220 (3)
10.16 mm x 8.82 mm
TO-252 (3)
6.60 mm x 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN78MCDCYR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
SN78M05PI KODENSHI-SN78M05PI Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
SN78M06D KODENSHI-SN78M06D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
SN78M06PI KODENSHI-SN78M06PI Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
SN78M08D KODENSHI-SN78M08D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
More results

Similar Description - SN78MCDCYR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com