Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA01209SIPR Datasheet(PDF) 5 Page - Texas Instruments

Part # HPA01209SIPR
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01209SIPR Datasheet(HTML) 5 Page - Texas Instruments

  HPA01209SIPR Datasheet HTML 1Page - Texas Instruments HPA01209SIPR Datasheet HTML 2Page - Texas Instruments HPA01209SIPR Datasheet HTML 3Page - Texas Instruments HPA01209SIPR Datasheet HTML 4Page - Texas Instruments HPA01209SIPR Datasheet HTML 5Page - Texas Instruments HPA01209SIPR Datasheet HTML 6Page - Texas Instruments HPA01209SIPR Datasheet HTML 7Page - Texas Instruments HPA01209SIPR Datasheet HTML 8Page - Texas Instruments HPA01209SIPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SIP-8
(TOP VIEW)
SIP-8
(BOTTOMVIEW)
A1
B1
C1
A2
B2
C2
GND
MODE
VOUT
GND
A3
C3
VIN
EN
A3
C3
A2
B2
C2
GND
EN
VIN
GND
C1
VOUT
MODE
A1
B1
5
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
www.ti.com
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
space
space
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VOUT
A1
O
Power output pin. Apply output load between this pin and GND.
VIN
A2, A3
I
The VIN pins supply current to the TPS8267x internal regulator.
EN
B2
I
This is the enable pin of the device. Connect this pin to ground to force the converter into
shutdown mode. Pull this pin to VI to enable the device. This pin must not be left floating and
must be terminated.
MODE
B1
I
This is the mode selection pin of the device. This pin must not be left floating and must be
terminated.
MODE = LOW: The device is operating in regulated frequency pulse width modulation mode
(PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE = HIGH: Low-noise mode is enabled and regulated frequency PWM operation is forced.
GND
C1, C2, C3
Ground pin.
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Operation above 4.8V input voltage for extended periods may affect device reliability.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating temperature (TINT(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (RθJA), as given by the following equation: TA(max)= TJ(max)–(RθJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum internal temperature of 105°C.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX UNIT
VI
(2)
Voltage at VIN(3)
–0.3
6
V
Voltage at VIN (TPS826721) (3)
-0.3
5.5
Voltage at VOUT
–0.3
3.6
V
Voltage at EN, MODE
–0.3
VIN + 0.3
V
Power dissipation
Internally limited
TA
Operating temperature range(4)
–40
85
°C
TINT (max) Maximum internal operating temperature
125
°C
Tstg
Storage temperature
–55
125
°C


Similar Part No. - HPA01209SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01202BDKDR TI1-HPA01202BDKDR Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
HPA01203YFFR TI1-HPA01203YFFR Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Similar Description - HPA01209SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com