Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7961RHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7961RHBT
Description  Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7961RHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF7961RHBT Datasheet HTML 3Page - Texas Instruments TRF7961RHBT Datasheet HTML 4Page - Texas Instruments TRF7961RHBT Datasheet HTML 5Page - Texas Instruments TRF7961RHBT Datasheet HTML 6Page - Texas Instruments TRF7961RHBT Datasheet HTML 7Page - Texas Instruments TRF7961RHBT Datasheet HTML 8Page - Texas Instruments TRF7961RHBT Datasheet HTML 9Page - Texas Instruments TRF7961RHBT Datasheet HTML 10Page - Texas Instruments TRF7961RHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
7
TRF7960, TRF7961
www.ti.com
SLOU186G – AUGUST 2006 – REVISED MAY 2017
Submit Documentation Feedback
Product Folder Links: TRF7960 TRF7961
Terminal Configuration and Functions
Copyright © 2006–2017, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
TYPE(1)
DESCRIPTION
NAME
NO.
MOD
14
INP
Direct mode, external modulation input
VSS_A
15
SUP
Negative supply for internal analog circuits; normally connected to circuit ground
VDD_I/O
16
SUP
Supply for I/O communications (1.8 V to 5.5 V). Should be connected to VIN for 5-V
communication, VDD_X for 3.3-V communication, or any other voltage from 1.8 V to 5.5 V.
I/O_0
17
BID
I/O pin for parallel communication
I/O_1
18
BID
I/O pin for parallel communication
I/O_2
19
BID
I/O pin for parallel communication
I/O_3
20
BID
I/O pin for parallel communication
I/O_4
21
BID
I/O pin for parallel communication
I/O_5
22
BID
I/O pin for parallel communication
Strobe out clock for serial communication
Data clock output in direct mode
I/O_6
23
BID
I/O pin for parallel communication
MISO for serial communication (SPI)
Serial bit data output in direct mode 1 or subcarrier signal in direct mode 0
I/O_7
24
BID
I/O pin for parallel communication.
MOSI for serial communication (SPI)
EN2
25
INP
Pulse enable and selection of power-down mode. If EN2 is connected to VIN, then VDD_X is
active during power down to support the MCU. Pin can also be used for pulse wake up from
power-down mode.
DATA_CLK
26
INP
Clock input for MCU communication (parallel and serial)
SYS_CLK
27
OUT
Clock for MCU (3.39 / 6.78 / 13.56 MHz) at EN = 1 and EN2 = don't care
If EN = 0 and EN2 = 1, then system clock is set to 60 kHz
EN
28
INP
Chip enable input (If EN = 0, then chip is in power-down mode.)
VSS_D
29
SUP
Negative supply for internal digital circuits; normally connected to circuit ground
OSC_OUT
30
OUT
Crystal oscillator output
OSC_IN
31
INP
Crystal oscillator input
VDD_X
32
OUT
Internally regulated supply (2.7 V to 3.4 V) for external circuitry (MCU)
Thermal Pad
Connected to circuit ground


Similar Part No. - TRF7961RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7961RHBT TI-TRF7961RHBT Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7961RHBT TI-TRF7961RHBT Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7961RHBT TI1-TRF7961RHBT Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
More results

Similar Description - TRF7961RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com