Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61032PWPG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61032PWPG4
Description  96% Efficient Synchronous Boost Converter With 4A Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61032PWPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61032PWPG4 Datasheet HTML 1Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 2Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 3Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 4Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 5Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 6Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 7Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 8Page - Texas Instruments TPS61032PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS61030, TPS61031, TPS61032
www.ti.com
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
8.5 Electrical Characteristics
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC STAGE
VI
Input voltage range
1.8
5.5
V
VO
TPS61030 output voltage range
1.8
5.5
V
VFB
TPS61030 feedback voltage
490
500
510
mV
f
Oscillator frequency
500
600
700
kHz
Frequency range for synchronization
500
700
kHz
Switch current limit
VOUT= 5 V
3600
4000
4500
mA
Start-up current limit
0.4 x ISW
mA
SWN switch on resistance
VOUT= 5 V
55
m
SWP switch on resistance
VOUT= 5 V
55
m
Total accuracy
-3%
3%
Line regulation
0.6%
Load regulation
0.6%
IO = 0 mA, VEN = VBAT = 1.8 V,
VBAT
10
25
µA
VOUT =5 V
Quiescent current
IO = 0 mA, VEN = VBAT = 1.8 V,
VOUT
10
20
µA
VOUT = 5 V
Shutdown current
VEN= 0 V, VBAT = 2.4 V
0.1
1
µA
CONTROL STAGE
VUVLO Under voltage lockout threshold
VLBI voltage decreasing
1.5
V
VIL
LBI voltage threshold
VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
10
mV
LBI input current
EN = VBAT or GND
0.01
0.1
µA
LBO output low voltage
VO = 3.3 V, IOI = 100 µA
0.04
0.4
V
LBO output low current
100
µA
LBO output leakage current
VLBO= 7 V
0.01
0.1
µA
VIL
EN, SYNC input low voltage
0.2 × VBAT
V
VIH
EN, SYNC input high voltage
0.8 × VBAT
V
EN, SYNC input current
Clamped on GND or VBAT
0.01
0.1
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS61032PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61032PWPG4 TI-TPS61032PWPG4 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results

Similar Description - TPS61032PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com