Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79801-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79801-Q1
Description  50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79801-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79801-Q1 Datasheet HTML 1Page - Texas Instruments TPS79801-Q1 Datasheet HTML 2Page - Texas Instruments TPS79801-Q1 Datasheet HTML 3Page - Texas Instruments TPS79801-Q1 Datasheet HTML 4Page - Texas Instruments TPS79801-Q1 Datasheet HTML 5Page - Texas Instruments TPS79801-Q1 Datasheet HTML 6Page - Texas Instruments TPS79801-Q1 Datasheet HTML 7Page - Texas Instruments TPS79801-Q1 Datasheet HTML 8Page - Texas Instruments TPS79801-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN
OUT
FB
GND
TPS79801
R
1
V
IN
V
OUT
R
2
C
1
V
= 1.275 V (1 + R / R ) + I R
V
= 1.275 V
I
= 0.2 µA at 25°C
Output Range = 1.275 V to 28 V
OUT
2
1
FB
2
FB
FB
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS79801-Q1, TPS79850-Q1
SLVS822E – MARCH 2009 – REVISED SEPTEMBER 2015
TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
1 Features
3 Description
The TPS798xx-Q1 is the first device in a line of 50-V
1
Qualified for Automotive Applications
high-voltage micropower low-dropout (LDO) linear
Wide Input Voltage Range: 3 V to 50 V
regulators. This device is capable of supplying 50-mA
Low Quiescent Current: 40
μA (Typical)
output current with a dropout voltage of only 300 mV.
Designed for low quiescent current high voltage (50
Low Dropout Voltage: 300 mV (Typical)
V) applications, 40
μA operating and 1 μA in
Output Current: 50 mA
shutdown makes the TPS798xx-Q1 an ideal choice
No Input Protection Diodes Needed
for
battery-powered
or
high-voltage
systems.
Quiescent current is also well-controlled in dropout.
Adjustable Output From 1.275 V to 28 V
1-
μA Quiescent Current in Shutdown
Other features of the TPS798xx-Q1 include the ability
to operate with low equivalent series resistance
Stable With 1-
μF Output Capacitor
(ESR) ceramic output capacitors. This device is
Stable With Aluminum, Tantalum, or Ceramic
stable with only 1
μF on the output; most older
Capacitors
devices require from 10-
μF to 100-μF tantalum
Reverse Input-Battery Protection
capacitors for stability. Small ceramic capacitors can
be used without the necessary addition of ESR, as is
Reverse Output Current Flow Protection
common with other regulators. Internal protection
Thermal Limiting
circuitry includes reverse input-battery protection,
Available in an 8-Pin MSOP-PowerPAD IC
reverse output current protection, current limiting, and
Package
thermal limiting to protect the device in various fault
conditions.
2 Applications
This device is available in a fixed output voltage of 5
Low-Current, High-Voltage Regulators
V (TPS79850) and with an adjustable output voltage
with a 1.275-V reference voltage (TPS79801). The
Regulators for Battery-Powered Systems
TPS798xx-Q1 regulator is available in a 8-pin MSOP-
Telecom
PowerPAD (DGN) package with an exposed pad for
Automotives
enhanced thermal management capability.
Device Information(1)
PART
PACKAGE
BODY SIZE (NOM)
NUMBER
TPS79801-Q1
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
TPS79850-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS79801-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
More results

Similar Description - TPS79801-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com