Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62362 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62362
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62362 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62362 Datasheet HTML 4Page - Texas Instruments TPS62362 Datasheet HTML 5Page - Texas Instruments TPS62362 Datasheet HTML 6Page - Texas Instruments TPS62362 Datasheet HTML 7Page - Texas Instruments TPS62362 Datasheet HTML 8Page - Texas Instruments TPS62362 Datasheet HTML 9Page - Texas Instruments TPS62362 Datasheet HTML 10Page - Texas Instruments TPS62362 Datasheet HTML 11Page - Texas Instruments TPS62362 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
A4
B4
C4
D4
(TOP VIEW)
(BOTTOM VIEW)
AVIN
EN
AGND
VDD
SCL
SDA
VSEL0
VSEL1
SW
SW
SENSE+
SENSE-
VIN
PGND
PGND
PGND
A4
B4
C4
D4
A3
B3
C3
D3
A2
B2
C2
D2
A1
B1
C1
D1
TPS62360, TPS62361B
TPS62362, TPS62363
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AVIN
A1
I
Analog Supply Voltage Input.
AGND
A2
Analog Ground Connection.
EN
B2
I
Device Enable Logic Input. Logic HIGH enables the device, logic LOW disables the device and turns it into
shutdown. The pin must be terminated to either HIGH or LOW if the internal pull down resistor is deactivated.
VDD
D1
I
I2C Logic and Registers supply voltage. For resetting the internal registers, this connection must be pulled below
its UVLO level.
SCL
D3
I/O
I2C clock signal.
SDA
D2
I/O
I2C data signal.
VSEL0
C2
I
Output Settings Selection Logic Inputs. Predefined register settings can be chosen for setting output voltage and
mode. The pins must be terminated to logic HIGH or LOW if the internal pull down resistors are deactivated.
VSEL1
A3
I
B3
SW
Inductor connection
B4
SENSE+
B1
I
Positive Output Voltage Remote Sense. Must be connected closest to the load supply node.
SENSE–
C1
I
Negative Output Voltage Remote Sense. Must be connected closest to the load ground node.
VIN
A4
I
Power Supply Voltage Input.
C3
PGND
C4
Power Ground Connection.
D4
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363


Similar Part No. - TPS62362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62362 TI1-TPS62362 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62362 TI-TPS62362 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62362 TI1-TPS62362 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62362YZHR TI1-TPS62362YZHR Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62362YZHR TI-TPS62362YZHR Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com