Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61085-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61085-Q1
Description  650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61085-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61085-Q1 Datasheet HTML 1Page - Texas Instruments TPS61085-Q1 Datasheet HTML 2Page - Texas Instruments TPS61085-Q1 Datasheet HTML 3Page - Texas Instruments TPS61085-Q1 Datasheet HTML 4Page - Texas Instruments TPS61085-Q1 Datasheet HTML 5Page - Texas Instruments TPS61085-Q1 Datasheet HTML 6Page - Texas Instruments TPS61085-Q1 Datasheet HTML 7Page - Texas Instruments TPS61085-Q1 Datasheet HTML 8Page - Texas Instruments TPS61085-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
C
OUT
1
4
5
6
3
2
7
TPS61085
8
L
3.3 H
m
V
2.3 V to 6 V
IN
C
10 F
16 V
IN
µ
C
1 F
16 V
BY
µ
IN
EN
FREQ
GND
SW
FB
COMP
SS
C
100 nF
SS
R
51 k
COMP
C
1.1 nF
COMP
R1
158 k
R2
18.2 k
2* 10 µF
25 V
V
12 V/300 mA
S
D
PMEG2010AEH
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61085
SLVS859B – JUNE 2008 – REVISED DECEMBER 2014
TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
1 Features
3 Description
The TPS61085 is a high frequency, high efficiency
1
2.3 V to 6 V Input Voltage Range
DC-DC converter with an integrated 2.0-A, 0.13-
18.5-V Boost Converter With 2.0-A Switch Current
power switch capable of providing an output voltage
650-kHz/1.2-MHz Selectable Switching Frequency
up to 18.5 V. The selectable frequency of 650 kHz or
1.2 MHz allows the use of small external inductors
Adjustable Soft-Start
and capacitors and provides fast transient response.
Thermal Shutdown
The external compensation allows optimizing the
Undervoltage Lockout
application
for
specific
conditions.
A
capacitor
connected to the soft-start pin minimizes inrush
8-Pin VSSOP Package
current at startup.
8-Pin TSSOP Package
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Handheld Devices
VSSOP (8)
3.00 mm × 3.00 mm
TPS61085
GPS Receivers
TSSOP (8)
3.00 mm × 4.40 mm
Digital Still Cameras
(1) For all available packages, see the orderable addendum at
Portable Applications
the end of the datasheet.
DSL Modems
PCMCIA Cards
TFT LCD Bias Supply
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61085-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results

Similar Description - TPS61085-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com