Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61096ADSST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61096ADSST
Description  28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61096ADSST Datasheet(HTML) 1 Page - Texas Instruments

  TPS61096ADSST Datasheet HTML 1Page - Texas Instruments TPS61096ADSST Datasheet HTML 2Page - Texas Instruments TPS61096ADSST Datasheet HTML 3Page - Texas Instruments TPS61096ADSST Datasheet HTML 4Page - Texas Instruments TPS61096ADSST Datasheet HTML 5Page - Texas Instruments TPS61096ADSST Datasheet HTML 6Page - Texas Instruments TPS61096ADSST Datasheet HTML 7Page - Texas Instruments TPS61096ADSST Datasheet HTML 8Page - Texas Instruments TPS61096ADSST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SW
VIN
EN
GND
VOUT
FB
L
2.2 µH
CIN
4.7 µF
RUP
RDOWN
COUT
10 µF
VIN
1.8 V to 5.5 V
VOUT
4.5 V to 28 V
TPS61096A
ILIM
Level Shifter
LVI1
HVO1
Level Shifter
LVI2
HVO2
VOSNS
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61096A
SLVSE09A – APRIL 2017 – REVISED APRIL 2017
TPS61096A 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
1
1 Features
1
1 µA ultra-low IQ into VIN pin
Operating Input Voltage from 1.8 V to 5.5 V
Adjustable Output Voltage from 4.5 V to 28 V
Selectable Inductor Peak Current:
0.25 A and 0.5 A
Integrated Power Diode
Integrated Level Shifters
70% Efficiency at 10 µA load
12-Pin 3-mm x 2-mm WSON Package
Create a Custom Design Using the TPS61096A
With the WEBENCH® Power Designer
2 Applications
Stylus
Memory LCD Bias
Sensor Power
General Purpose Bias
RF Mems Relay Power
3 Description
The TPS61096A is a high output voltage boost
converter with ultra-low quiescent current. It is
designed for products that require high efficiency at
light load conditions powered by either two-cell
alkaline, or one-cell Li-Ion or Li-polymer battery.
The TPS61096A integrates a 30-V power switch and
a power diode. It can output up to 28 Volts. The
TPS61096A uses a PFM peak current control
scheme to obtain the highest efficiency over a wide
range of input and output load conditions. It only
consumes 1 µA quiescent current and can achieve up
to 70% efficiency under 10-µA load condition.
The TPS61096A can also support selective inductor
peak
current.
With
250-mA
current
limit,
the
TPS61096A can reduce inductor ripple so that it
reduces external component size for light load
applications.
With
500
mA
current
limit,
the
TPS61096A can provide 30 mA output current for a
conversion from 3.3 V to 18 V.
The TPS61096A integrates two-channel low-power
level shifters to convert low level signals to output
voltage level signals for specific applications. It only
consumes 1-µA static current per channel and
ensures
very
low
static
and
dynamic
power
consumption across the entire output range.
The TPS61096A is available in a 12-pin 3.0-mm x
2.0-mm WSON Package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61096A
WSON (12)
3 mm x 2 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - TPS61096ADSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096 TI1-TPS61096 Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096DSSR TI1-TPS61096DSSR Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096DSST TI1-TPS61096DSST Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61096ADSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096 TI1-TPS61096 Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com