Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56121DQPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56121DQPR
Description  4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121DQPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS56121DQPR Datasheet HTML 4Page - Texas Instruments TPS56121DQPR Datasheet HTML 5Page - Texas Instruments TPS56121DQPR Datasheet HTML 6Page - Texas Instruments TPS56121DQPR Datasheet HTML 7Page - Texas Instruments TPS56121DQPR Datasheet HTML 8Page - Texas Instruments TPS56121DQPR Datasheet HTML 9Page - Texas Instruments TPS56121DQPR Datasheet HTML 10Page - Texas Instruments TPS56121DQPR Datasheet HTML 11Page - Texas Instruments TPS56121DQPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
3.5
4.0
4.5
5.0
5.5
6.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
725
750
775
800
825
850
875
900
925
950
975
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
70
72
74
76
78
80
82
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
2.38
2.39
2.40
2.41
2.42
2.43
2.44
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
8
TPS56121
SLUSAH4D – MARCH 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS56121
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Shutdown Current vs. Junction Temperature
Figure 8. Quiescent Current vs. Junction Temperature
Figure 9. Soft-Start Source vs. Junction Temperature
Figure 10. Soft-Start Voltage Level vs. Junction
Temperature
Figure 11. High-Side On Resistance vs. Junction
Temperature
Figure 12. Low-Side On Resistance vs. Junction
Temperature


Similar Part No. - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com