Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2553DRVT-1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2553DRVT-1
Description  Precision Adjustable Current-Limited Power-Distribution Switches
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2553DRVT-1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2553DRVT-1 Datasheet HTML 1Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 2Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 3Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 4Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 5Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 6Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 7Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 8Page - Texas Instruments TPS2553DRVT-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OUT
IN
GND
FAULT
ILIM
EN
R
ILIM
20 kW
R
FAULT
100 kW
Control Signal
5V USB
Input
USB
Port
USB Data
TPS2552/53
0.1 F
m
120 F
m
Fault Signal
Power Pad
USB requirement only*
*
facing ports are bypassed with at least
120 F per hub
USB requirement that downstream
m
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2552, TPS2553, TPS2552-1, TPS2553-1
SLVS841F – NOVEMBER 2008 – REVISED AUGUST 2016
TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches
1
1 Features
1
Up to 1.5-A Maximum Load Current
±6% Current-Limit Accuracy at 1.7 A (Typical)
Meets USB Current-Limiting Requirements
Backwards Compatible With TPS2550 and
TPS2551
Adjustable Current Limit: 75 mA to 1700 mA
(Typical)
Constant-Current (TPS255x) and Latch-Off
(TPS255x-1) Versions
Fast Overcurrent Response - 2 µs (Typical)
85-mΩ High-Side MOSFET (DBV Package)
Reverse Input-Output Voltage Protection
Operating Range: 2.5 V to 6.5 V
Built-In Soft Start
15-kV ESD Protection per IEC 61000-4-2 (With
External Capacitance)
UL Listed – File No. E169910 and NEMKO
IEC60950-1-am1 ed2.0
See the TI Switch Portfolio
2 Applications
USB Ports and Hubs
Digital TVs
Set-Top Boxes
VOIP Phones
3 Description
The TPS255x and TPS255x-1 power-distribution
switches
are
intended
for
applications
where
precision
current
limiting
is
required
or
heavy
capacitive loads and short circuits are encountered
and provide up to 1.5 A of continuous load current.
These devices offer a programmable current-limit
threshold between 75 mA and 1.7 A (typical) through
an external resistor. Current-limit accuracy as tight as
±6% can be achieved at the higher current-limit
settings. The power-switch rise and fall times are
controlled to minimize current surges during turnon
and turnoff.
TPS255x devices limit the output current to a safe
level by using a constant-current mode when the
output load exceeds the current-limit threshold.
TPS255x-1
devices
provide
circuit
breaker
functionality by latching off the power switch during
overcurrent or reverse-voltage situations. An internal
reverse-voltage
comparator
disables
the
power-
switch when the output voltage is driven higher than
the input to protect devices on the input side of the
switch.
The
FAULT
output
asserts
low
during
overcurrent and reverse-voltage conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2552
SOT-23 (6)
2.90 mm x 1.60 mm
WSON (6)
2.00 mm x 2.00 mm
TPS2553
SOT-23 (6)
2.90 mm x 1.60 mm
WSON (6)
2.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TPS2553DRVT-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553DRVT-1 TI-TPS2553DRVT-1 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553DRVT-1 TI-TPS2553DRVT-1 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553DRVT-1 TI-TPS2553DRVT-1 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2553DRVT-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com