Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54418RTER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54418RTER
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54418RTER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54418RTER Datasheet HTML 3Page - Texas Instruments TPS54418RTER Datasheet HTML 4Page - Texas Instruments TPS54418RTER Datasheet HTML 5Page - Texas Instruments TPS54418RTER Datasheet HTML 6Page - Texas Instruments TPS54418RTER Datasheet HTML 7Page - Texas Instruments TPS54418RTER Datasheet HTML 8Page - Texas Instruments TPS54418RTER Datasheet HTML 9Page - Texas Instruments TPS54418RTER Datasheet HTML 10Page - Texas Instruments TPS54418RTER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
600
700
800
900
1000
RT-Resistance-kW
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
80
100
120
140
160
180
200
RT-ResistancekW
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3V
IN
6
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
HighSideRdson
V =3.3V
I
HighSideRdson
V =5V
I
LowSideRdson
V =3.3V
I
LowSideRdson
V =5V
I
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
RT =400k ,
V =3.3V
W
I
TPS54418
www.ti.com
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
7.6 Typical Characteristics
Figure 2. Frequency vs Junction Temperature
Figure 1. High-Side and Low-Side On-Resistance vs
Junction Temperature
Figure 3. High-Side Current Limit vs Junction Temperature
Figure 4. Voltage Reference vs Junction Temperature
Figure 6. Switching Frequency vs RT Resistance High
Figure 5. Switching Frequency vs RT Resistance Low
Frequency Range
Frequency Range
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54418


Similar Part No. - TPS54418RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418RTER TI-TPS54418RTER Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418RTER TI-TPS54418RTER Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418RTER TI-TPS54418RTER Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54418RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com