Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX005 Datasheet(PDF) 5 Page - Texas Instruments

Part # FX005
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX005 Datasheet(HTML) 5 Page - Texas Instruments

  FX005 Datasheet HTML 1Page - Texas Instruments FX005 Datasheet HTML 2Page - Texas Instruments FX005 Datasheet HTML 3Page - Texas Instruments FX005 Datasheet HTML 4Page - Texas Instruments FX005 Datasheet HTML 5Page - Texas Instruments FX005 Datasheet HTML 6Page - Texas Instruments FX005 Datasheet HTML 7Page - Texas Instruments FX005 Datasheet HTML 8Page - Texas Instruments FX005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPS51518
www.ti.com
SLUSAO8
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN= 5 V, VMODE= 5 V, VEN= 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PGOOD COMPARATOR
PGOOD in from higher
108%
PGOOD in from lower
92%
VPGTH
PGOOD threshold
PGOOD out to higher
116%
PGOOD out to lower
84%
IPG
PGOOD sink current
VPGOOD = 0.5 V
6.0
mA
Delay for PGOOD in
1
ms
tPGDLY
PGOOD delay time
Delay for PGOOD out
0.2
μs
tPGCMPSS
PGOOD start-up delay time
PGOOD comparator wake up delay
1.5
ms
IPGLK
PGOOD leakage current
–1
0
1
μA
CURRENT DETECTION
ITRIP
TRIP source current
TA = 25°C, VTRIP = 0.4 V
9
10
11
μA
TRIP source current temperature
TCITRIP
4700
ppm/
°C
coefficient(1)
VTRIP
VTRIP voltage range
0.2
3
V
VTRIP = 3.0 V
360
375
390
VOCL
Current limit threshold
VTRIP = 1.6 V
190
200
210
mV
VTRIP = 0.2 V
20
25
30
VTRIP = 3.0 V
–390
–375
–360
VOCLN
Negative current limit threshold
VTRIP = 1.6 V
–212
–200
–188
mV
VTRIP = 0.2 V
–30
–25
–20
VZC
Zero cross detection offset
0
mV
PROTECTIONS
Wake-up
4.3
4.4
4.6
VUVLO
V5IN UVLO threshold voltage
V
Shutdown
3.8
4.0
4.2
VOVP
OVP threshold voltage
OVP detect voltage
118%
120%
122%
tOVPDLY
OVP propagation delay
With 100-mV overdrive
300
ns
VUVP
UVP threshold voltage
UVP detect voltage
66%
68%
70%
tUVPDLY
UVP delay
1
ms
tUVPENDLY
UVP enable delay
1.4
ms
THERMAL SHUTDOWN
Shutdown temperature
140
TSDN
Thermal shutdown threshold(1)
°C
Hysteresis
10
(1)
Ensured by design. Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS51518


Similar Part No. - FX005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX001 TI1-FX001 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
FX002DW CMLMICRO-FX002DW Datasheet
112Kb / 7P
   Signal to Noise Enhancer
FX002J CMLMICRO-FX002J Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
List of Unclassifed Man...
FX003 ETC-FX003 Datasheet
372Kb / 6P
   QTC Selective Call Tone Decoders
More results

Similar Description - FX005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com