Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54226 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54226
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54226 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54226 Datasheet HTML 1Page - Texas Instruments TPS54226 Datasheet HTML 2Page - Texas Instruments TPS54226 Datasheet HTML 3Page - Texas Instruments TPS54226 Datasheet HTML 4Page - Texas Instruments TPS54226 Datasheet HTML 5Page - Texas Instruments TPS54226 Datasheet HTML 6Page - Texas Instruments TPS54226 Datasheet HTML 7Page - Texas Instruments TPS54226 Datasheet HTML 8Page - Texas Instruments TPS54226 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
POWERPAD
SW1
VBST
SS
VO
VFB
GND
PGND1
14
7
5
6
2
3
4
1
VCC
EN
PG
VREG5
13
12
11
9
8
PGND2
10
SW2
VIN
TPS54226
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VCC,VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Shutdown temperature (2)
150
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
25
ON-TIME TIMER CONTROL
TON
On time
VIN = 12 V, VO = 1.05 V
145
ns
TOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
SOFT START
ISSC
SS charge current
VSS = 0 V
1.4
2.0
2.6
μA
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
POWER GOOD
VFB rising (good)
85
90
95
%
VTHPG
PG threshold
VFB falling (fault)
85
%
IPG
PG sink current
PG = 0.5 V
2.5
5
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
115
120
125
%
TOVPDEL
Output OVP prop delay
5
μs
UVP detect
65
70
75
%
VUVP
Output UVP trip threshold
Hysteresis
10
%
TUVPDEL
Output UVP delay
0.25
ms
TUVPEN
Output UVP enable delay
Relative to soft-start time
x 1.7
UVLO
Wake up VREG5 voltage
3.55
3.8
4.05
VUVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.23
0.35
0.47
(2)
Not production tested.
DEVICE INFORMATION
PWP PACKAGE
(TOP VIEW)
4
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54226


Similar Part No. - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226 TI1-TPS54226 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PW TI-TPS54226PW Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI-TPS54226PWP Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
More results

Similar Description - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com