Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX011Z Datasheet(PDF) 1 Page - Texas Instruments

Part # FX011Z
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX011Z Datasheet(HTML) 1 Page - Texas Instruments

  FX011Z Datasheet HTML 1Page - Texas Instruments FX011Z Datasheet HTML 2Page - Texas Instruments FX011Z Datasheet HTML 3Page - Texas Instruments FX011Z Datasheet HTML 4Page - Texas Instruments FX011Z Datasheet HTML 5Page - Texas Instruments FX011Z Datasheet HTML 6Page - Texas Instruments FX011Z Datasheet HTML 7Page - Texas Instruments FX011Z Datasheet HTML 8Page - Texas Instruments FX011Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Check for Samples: TPS51225, TPS51225B, TPS51225C
1
FEATURES
APPLICATIONS
2
Input Voltage Range: 5.5 V to 24 V
Notebook Computers
Output Voltages: 5 V and 3.3 V (Adjustable
Netbook, Tablet Computers
Range ±10%)
DESCRIPTION
Built-in, 100-mA, 5-V and 3.3-V LDOs
The
TPS51225/B/C
is
a
cost-effective,
dual-
Clock Output for Charge-Pump
synchronous buck controller targeted for notebook
±1% Reference Accuracy
system-power supply solutions. It provides 5-V and
Adaptive On-time D-CAP™ Mode Control
3.3-V LDOs and requires few external components.
The 260-kHz VCLK output can be used to drive an
Architecture with 300kHz/355kHz Frequency
external charge pump, generating gate drive voltage
Setting
for the load switches without reducing the main
Auto-skip Light Load Operation (TPS51225/C)
converter efficiency. The TPS51225/B/C supports
OOA Light Load Operation (TPS51225B)
high efficiency, fast transient response and provides a
combined power-good signal. Adaptive on-time, D-
Internal 0.8-ms Voltage Servo Soft-Start
CAP™ control provides convenient and efficient
Low-Side RDS(on) Current Sensing Scheme with
operation. The device operates with supply input
4500 ppm/°C Temperature Coefficient
voltage ranging from 5.5 V to 24 V and supports
Built-in Output Discharge Function
output
voltages
of
5.0
V
and
3.3
V.
The
TPS51225/B/C is available in a 20-pin, 3 mm × 3
Separate Enable Input for Switchers
mm, QFN package and is specified from –40°C to
(TPS51225/B/C)
85°C.
Dedicated OC Setting Terminals
Power Good Indicator
OVP/UVP/OCP Protection
Non-latch UVLO/OTP Protection
20-Pin, 3 mm × 3 mm, QFN (RUK)
ORDERING INFORMATION(1)
ORDERABLE
ENABLE
OUTPUT
SKIP MODE
ALWAYS ON-LDO
PACKAGE
QUANTITY
FUNCTION
SUPPLY
DEVICE NUMBER
TPS51225RUKR
Tape and Reel
3000
EN1/ EN2
Auto-skip
VREG3
TPS51225RUKT
Mini reel
250
PLASTIC Quad
TPS51225BRUKR
Tape and Reel
3000
Flat Pack
EN1/ EN2
OOA
VREG3
TPS51225BRUKT
Mini reel
250
(20 pin QFN)
TPS51225CRUKR
Tape and Reel
3000
EN1/ EN2
Auto-skip
VREG3 & VREG5
TPS51225CRUKT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, Out-of-Audio are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FX011Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX011Z TI1-FX011Z Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results

Similar Description - FX011Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com