Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53317RGBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBR
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Datasheet(HTML) 3 Page - Texas Instruments

  TPS53317RGBR Datasheet HTML 1Page - Texas Instruments TPS53317RGBR Datasheet HTML 2Page - Texas Instruments TPS53317RGBR Datasheet HTML 3Page - Texas Instruments TPS53317RGBR Datasheet HTML 4Page - Texas Instruments TPS53317RGBR Datasheet HTML 5Page - Texas Instruments TPS53317RGBR Datasheet HTML 6Page - Texas Instruments TPS53317RGBR Datasheet HTML 7Page - Texas Instruments TPS53317RGBR Datasheet HTML 8Page - Texas Instruments TPS53317RGBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS53317
www.ti.com
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
Changes from Original (JUNE 2011) to Revision A
Page
Changed from "SKIP and Forced CCM" to "SKIP or Forced CCM" in FEATURES............................................................... 1
Changed from "600-kHz and 1-MHz Switching" to "600-kHz or 1-MHz Switching" in FEATURES ....................................... 1
Added clarity to Simplified Application drawing ...................................................................................................................... 1
Changed from "fSW = 600 kHz" to " fSW = 1 MHz" for tON(min) in EC table ............................................................................... 7
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS53317


Similar Part No. - TPS53317RGBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317RGBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Texas Instruments
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
logo
Linear Technology
LTC3617 LINER-LTC3617 Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
LTC3617 LINER-LTC3617_15 Datasheet
481Kb / 20P
   6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com