Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2041BDGNRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2041BDGNRG4
Description  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2041BDGNRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2041BDGNRG4 Datasheet HTML 3Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 4Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 5Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 6Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 7Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 8Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 9Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 10Page - Texas Instruments TPS2041BDGNRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
www.ti.com
SLVS514M – JUNE 2010 – REVISED JUNE 2016
Product Folder Links: TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI(IN), VI(INx)
Input voltage (2)
–0.3
6
V
VO(OUT), VO(OUTx)
(2)
Output voltage
–0.3
6
V
VI(EN), VI(ENx), VI(EN),
VI(ENx)
Input voltage
–0.3
6
V
VI(/OC), VI(OCx)
Voltage range
–0.3
6
V
IO(OUT), IO(OUTx)
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Ratings
TJ
Operating virtual junction temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI(IN), VI(INx)
Input voltage
2.7
5.5
V
VI(EN), VI(ENx), VI(EN),
VI(ENx)
Input voltage
0
5.5
V
IO(OUT), IO(OUTx)
Continuous output current
0
500
mA
TJ
Operating virtual junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS2042xx and TPS2053xx
UNIT
D
(SOIC)
DBV
(SOT-23)
DGN
(HVSSOP)
DRB
(SON)
8 PINS
16 PINS
5 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
119.3
81.6
208.6
53.6
47.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
67.6
42.7
122.9
58.7
53
°C/W
RθJB
Junction-to-board thermal resistance
59.6
39.1
37.8
35.5
14.2
°C/W
ψJT
Junction-to-top characterization parameter
20.3
10.4
14.6
2.7
1.2
°C/W
ψJB
Junction-to-board characterization
parameter
59.1
38.8
36.9
35.3
14.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
6.7
7.3
°C/W


Similar Part No. - TPS2041BDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041BDGNRG4 TI-TPS2041BDGNRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041BDGNRG4 TI-TPS2041BDGNRG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041BDGNRG4 TI-TPS2041BDGNRG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2041BDGNRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com