Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51462RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51462RGET
Description  3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51462RGET Datasheet(HTML) 2 Page - Texas Instruments

  TPS51462RGET Datasheet HTML 1Page - Texas Instruments TPS51462RGET Datasheet HTML 2Page - Texas Instruments TPS51462RGET Datasheet HTML 3Page - Texas Instruments TPS51462RGET Datasheet HTML 4Page - Texas Instruments TPS51462RGET Datasheet HTML 5Page - Texas Instruments TPS51462RGET Datasheet HTML 6Page - Texas Instruments TPS51462RGET Datasheet HTML 7Page - Texas Instruments TPS51462RGET Datasheet HTML 8Page - Texas Instruments TPS51462RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS51462
SLUSAQ1
– DECEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MINIMUM
TA
PACKAGE(2)
ORDERING NUMBER
PINS
OUTPUT SUPPLY
ECO PLAN
QUANTITY
TPS51462RGER
24
Tape and reel
3000
Green (RoHS and
Plastic QFN
-40
°C to 85°C
no Pb/Br)
(RGE)
TPS51462RGET
24
Mini reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
THERMAL INFORMATION
TPS51462
THERMAL METRIC(1)
UNITS
RGE (24) PIN
θJA
Junction-to-ambient thermal resistance
38.3
θJCtop
Junction-to-case (top) thermal resistance
44.7
θJB
Junction-to-board thermal resistance
16
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
16.1
θJCbot
Junction-to-case (bottom) thermal resistance
5.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, EN, MODE
–0.3
7.0
V5DRV, V5FILT, VBST (with respect to SW)
–0.3
7.0
Input voltage range
VBST
–0.3
12.5
V
VID0, VID1
–0.3
3.6
VOUT
–1.0
3.6
SW
–2.0
7.0
SW (transient 20 ns and E=5
µJ)
–3.5
Output voltage range
COMP, SLEW, VREF
–0.3
3.6
V
PGND
–0.3
0.3
PGOOD
–0.3
7.0
Human Body Model (HBM)
2000
Electrostatic Discharge
V
Charged Device Model (CDM)
500
Storage temperature
Tstg
–55
150
˚C
Junction temperature
TJ
–40
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS51462


Similar Part No. - TPS51462RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51462RGET TI1-TPS51462RGET Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Similar Description - TPS51462RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com