Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2491DGSRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491DGSRG4
Description  Positive High-Voltage Power-Limiting Hot Swap Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2491DGSRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2491DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 14Page - Texas Instruments TPS2491DGSRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
I
LIM +
50 mV
R
S
11
TPS2490, TPS2491
www.ti.com
SLVS503E – NOVEMBER 2003 – REVISED FEBRUARY 2017
Product Folder Links: TPS2490 TPS2491
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1
VCC
This pin is associated with three functions:
1. Biasing power to the integrated circuit
2. Input to power on reset (POR) and undervoltage lockout (UVLO) functions
3. Voltage sense at one terminal of RS for Q1 current measurement
The voltage must exceed the POR (about 6 V for approximately 400 µs) and the internal UVLO (about 8 V)
before normal operation (driving the GATE) may begin. Connections to VCC should be designed to minimize RS
voltage sensing errors and to maximize the effect of C1 and Z1; place C1 at RS rather than at the IC pin to
eliminate transient sensing errors. GATE, PROG, PG, and TIMER are held low when either UVLO or POR are
active.
7.3.2 SENSE
Monitors the voltage at the drain of Q1, and the downstream side of RS providing the constant power limit engine
with feedback of both Q1 current (ID) and voltage (VDS). Voltage is determined by the difference between SENSE
and OUT, while the current analog is the difference between VCC and SENSE. The constant power engine uses
VDS to compute the allowed ID and is clamped to 50 mV, acting like a traditional current limit at low VDS. The
current limit is set by Equation 1:
(1)
Design the connections to SENSE to minimize RS voltage sensing errors. Don't drive SENSE to a large voltage
difference from VCC because it is internally clamped to VCC. The current limit function can be disabled by
connecting SENSE to VCC.
7.3.3 GATE
Provides the high side (above VCC) gate drive for Q1. It is controlled by the internal gate drive amplifier, which
provides a pull-up of 22 µA from an internal charge pump and a strong pulldown to ground of 75 mA (minimum).
The pulldown current is a nonlinear function of the amplifier overdrive; it provides small drive for small overloads,
but large overdrive for fast reaction to an output short. There is a separate pull-down of 2 mA to shut Q1 off when
EN or UVLO cause this to happen. An internal clamp protects the gate of Q1 (to OUT) and generally eliminates
the need for an external clamp in almost all cases for devices with 20-V VGS(MAX) ratings; an external Zener may
be required to protect the gate of devices with VGS(MAX) < 16 V. A small series resistance (R5) of 10 Ω must be
inserted in the gate lead if the CISS of Q1 > 200 pF, otherwise use 33 Ω for small MOSFETs.
A capacitor can be connected from GATE to ground to create a slower inrush with a constant current profile
without affecting the amplifier stability. Add a series resistor of about 1 k
Ω to the gate capacitor to maintain the
gate clamping and current limit response time. Adding capacitance across Q1 gate to source requires some
series damping resistance to avoid high-frequency oscillations.
7.3.4 OUT
This input pin is used by the constant power engine and the PG comparator to measure VDS of Q1 as V(SENSE-
OUT). Internal protection circuits leak a small current from this pin when it is low. If the load circuit can drive OUT
below ground, connect a clamp (or freewheel) diode such as an S1B from OUT (cathode) to GND (anode).
7.3.5 EN
The GATE driver is enabled if the positive threshold is exceeded and the internal POR and UVLO thresholds
have been satisfied. EN can be used as a logic control input, an analog input voltage monitor as illustrated by
R1/R2 in the Figure 17 circuit, or it can be tied to VCC to always enable the TPS249x. The hysteresis associated
with the internal comparator makes this a stable method of detecting a low input condition and shutting the
downstream circuits off. A TPS2490 that has latched off can be reset by cycling EN below its negative threshold
and back high.


Similar Part No. - TPS2491DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2491DGSRG4 TI-TPS2491DGSRG4 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGSRG4 TI-TPS2491DGSRG4 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2491DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com