Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51362 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51362
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51362 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51362_17 Datasheet HTML 1Page - Texas Instruments TPS51362_17 Datasheet HTML 2Page - Texas Instruments TPS51362_17 Datasheet HTML 3Page - Texas Instruments TPS51362_17 Datasheet HTML 4Page - Texas Instruments TPS51362_17 Datasheet HTML 5Page - Texas Instruments TPS51362_17 Datasheet HTML 6Page - Texas Instruments TPS51362_17 Datasheet HTML 7Page - Texas Instruments TPS51362_17 Datasheet HTML 8Page - Texas Instruments TPS51362_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12 V, VV5 = 5 V, MODE = GND, VEN = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA=25°C, No load, VEN = 5 V, LP # = 0 V
100
μA
IV5
V5 supply current
TA=25°C, No load, VEN = 5 V
560
IV5SDN
V5 shutdown current
TA=25°C, No load, VEN = 0 V
1
μA
VREF OUTPUT
IVREF = 30 µA, w.r.t. GSNS
2
V
VVREF
Reference voltage
0 µA
≤ IVREF ≤ 300 µA, -10°C ≤ TA ≤ 85°C
-1%
1%
IVREF(OCL)
Current limit
(VVREF–VGSNS) = 1.7 V
0.4
1
mA
VOLTAGE AMPLIFIER
IVSNS
VSNS input current
VVSNS = 1 V
-1
1
μA
IVSNS(DIS)
VSNS discharge current
VEN = 0 V, VVSNS = 0.5 V
12
mA
SMPS FREQUENCY
tOFF(min)
Minimum off-time
320
ns
tDEAD1
Deadtime1(1)
SW rising to falling
10
ns
tDEAD2
Deadtime2(1)
SW falling to rising
10
ns
INTERNAL BOOT STRAP SW
VFBST
Forward foltage
VV5 - BST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IBST
BST leakage current
TA = 25°C, VBST = 14 V, VSW = 7 V
0.01
1.5
μA
MOSFET ON-RESISTANCE
RDS(on)H
High-side on-resistance
TA = 25°C, VV5 = 5 V
17.5
m
Ω
RDS(on)L
Low-side on-resistance
TA = 25°C, VV5 = 5 V
8.75
m
Ω
LOGIC THRESHOLD
VMODE(TH)
MODE threshold voltage
MODE = Float
2.5
V
VLL
EN low-level voltage
0.35
V
VLH
EN high-level voltage
0.9
V
VL(HYST)
EN hysteresis voltage
0.25
V
VL(LK)
EN input leakage current
-1
0
1
μA
VLL
LP# low-level voltage
0.35
V
VLH
LP# high-level voltage
0.85
V
VL(HYST)
LP# hysteresis voltage
0.4
V
VL(LK)
LP# input leakage current
-1
0
1
μA
SOFT-START
ISS
Soft-Start current
Soft-start current source
10
μA
PGOOD COMPARATOR
VPGTH
PGOOD threshold
PGOOD in from lower (startup)
92%
IPG
PGOOD sink current
VPGOOD = 0.5V
6
mA
tPG(CMPSS)
PGOOD start-up delay
PGOOD comparator startup delay
1.5
ms
IPG(LK)
PGOOD leakage current
-1
0
1
μA
(1)
Ensured by design.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362


Similar Part No. - TPS51362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362RVER TI-TPS51362RVER Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362RVET TI-TPS51362RVET Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
More results

Similar Description - TPS51362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS51397A TI-TPS51397A Datasheet
2Mb / 36P
[Old version datasheet]   TPS51397A 4.5-V to 24-V, 10-A Synchronous Buck Converter with ULQ??Operation
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com