Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B69-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B69-Q1
Description  High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B69-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS7B69-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B69-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS7B6925-Q1, TPS7B6933-Q1, TPS7B6950-Q1
SLVSCJ8B – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 10
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
9
Application and Implementation ........................ 12
3
Description ............................................................. 1
9.1
Application Information............................................ 12
4
Typical Application Schematic ............................. 1
9.2
Typical Application .................................................. 12
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 14
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 14
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 14
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 14
7.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 15
7.3
Recommended Operating Conditions ....................... 4
12.1
Documentation Support ........................................ 15
7.4
Thermal Information .................................................. 4
12.2
Related Links ........................................................ 15
7.5
Electrical Characteristics........................................... 5
12.3
Trademarks ........................................................... 15
7.6
Typical Characteristics .............................................. 6
12.4
Electrostatic Discharge Caution ............................ 15
8
Detailed Description ............................................ 10
12.5
Glossary ................................................................ 15
8.1
Overview ................................................................. 10
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 10
Information ........................................................... 15
5 Revision History
Changes from Revision A (December 2014) to Revision B
Page
Changed the TPS7B6933-Q1 device status from Product Preview to Production Data ....................................................... 1
Added the TPS7B6933-Q1 device test results to the Typical Characteristics section .......................................................... 6
Changes from Original (November 2014) to Revision A
Page
Changed the device status from Product Preview to Production Data ................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS7B6925-Q1 TPS7B6933-Q1 TPS7B6950-Q1


Similar Part No. - TPS7B69-Q1

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925QDBVRQ1 TI1-TPS7B6925QDBVRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B69-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
[Old version datasheet]   High-Voltage Ultralow-Iq Low-Dropout Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com