Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40192 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40192
Description  4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40192 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40192_17 Datasheet HTML 1Page - Texas Instruments TPS40192_17 Datasheet HTML 2Page - Texas Instruments TPS40192_17 Datasheet HTML 3Page - Texas Instruments TPS40192_17 Datasheet HTML 4Page - Texas Instruments TPS40192_17 Datasheet HTML 5Page - Texas Instruments TPS40192_17 Datasheet HTML 6Page - Texas Instruments TPS40192_17 Datasheet HTML 7Page - Texas Instruments TPS40192_17 Datasheet HTML 8Page - Texas Instruments TPS40192_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TPS40192, TPS40193
www.ti.com
SLUS719F – MARCH 2007 – REVISED NOVEMBER 2016
Product Folder Links: TPS40192 TPS40193
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Specified by design. Not production tested.
6.5 Electrical Characteristics
TJ = –40°C to 85°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
VFB
Feedback voltage range
0°C
≤ TJ ≤ 85°C
588
591
594
mV
-40°C
≤ TJ ≤ 85°C
585
591
594
INPUT SUPPLY
VVDD
Input voltage range
4.5
18
V
IVDD
Operating current
VENABLE = 3 V
2.5
4
mA
VENABLE = 0.6 V
45
70
μA
ON BOARD REGULATOR
V5VBP
Output voltage
VVDD > 6 V, I5VBP ≤ 10 mA
5.1
5.3
5.5
V
VDO
Regulator dropout voltage
VVDD - VBP5 , VVDD = 5 V, IBP5
25 mA
350
550
mV
ISC
Regulator current limit threshold
50
mA
IBP5
Average current
50
OSCILLATOR
fSW
Switching frequency
TPS40193
240
300
360
kHz
TPS40192
500
600
700
VRMP
Ramp amplitude(1)
1
V
PWM
DMAX
Maximum duty cycle(1)
85%
tON(min)
Minimum controlled pulse(1)
110
ns
tDEAD
Output driver dead time
HDRV off to LDRV on
50
LDRV off to HDRV on
25
SOFT-START
tSS
Soft-start time
3
4
6
ms
tSSDLY
Soft-start delay time
2
tREG
Time to regulation
6
ERROR AMPLIFIER
GBWP
Gain bandwidth product(1)
7
10
MHz
AOL
DC gain(1)
60
dB
IIB
Input bias current (current out of FB pin)
100
nA
IEAOP
Output source current
VFB = 0 V
1
mA
IEAOM
Output sink current
VFB = 2 V
1
SHORT CIRCUIT PROTECTION
tPSS(min)
Minimum pulse during short circuit(1)
250
ns
tBLNK
Blanking time(1)
60
90
120
tOFF
Off-time between restart attempts
30
50
ms
VILIM
Short circuit comparator threshold
voltage
RCOMP(GND) = OPEN, TJ = 25°C
160
200
240
mV
RCOMP(GND) = 4 kΩ, TJ = 25°C
80
100
120
RCOMP(GND) = 12 kΩ, TJ = 25°C
228
280
342
VILIMH
Short circuit threshold voltage on high-
side MOSFET
TJ = 25°C
400
550
650


Similar Part No. - TPS40192_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results

Similar Description - TPS40192_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com