Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40021-EP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS40021-EP
Description  ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40021-EP Datasheet(HTML) 5 Page - Texas Instruments

  TPS40021-EP_17 Datasheet HTML 1Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 2Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 3Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 4Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 5Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 6Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 7Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 8Page - Texas Instruments TPS40021-EP_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TPS40021-EP
www.ti.com
SLUSB58 – SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
TJ = −55°C to 125°C, TJ = TA, VDD = 5.0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHUTDOWN
VSD
Shutdown threshold voltage
0.2
0.26
0.29
V
Device enable threshold
VEN
0.25
0.28
0.32
V
voltage
OUTPUT DRIVER
High-side driver pull-up
RHDHI
V(BOOT1) − V(SW) = 3.3 V, ISOURCE = 100 mA
1
2.5
5
Ω
resistance
High-side driver pull-down
RHDLO
V(BOOT1) − V(SW) = 3.3 V, ISINK = 100 mA
0.7
1.5
3
Ω
resistance
Low-side driver pull-up
RLDHI
PVDD = 3.3 V, ISOURCE = 100 mA
1
2.5
5
Ω
resistance
Low-side driver pull-down
RLDLO
PVDD = 3.3 V, ISINK = 100 mA
0.41
0.80
1.50
Ω
resistance
tLRISE
Low-side driver rise time
15
35
ns
tLFALL
Low-side driver fall time
10
25
ns
CLOAD = 1 nF
tHRISE
High-side driver rise time
15
35
ns
tHFALL
High-side driver fall time
10
25
ns
THERMAL SHUTDOWN
Shutdown temperature(3)
165
TSD
°C
Hysteresis(3)
15
CHARGE PUMP
RVB2
RDS(on) VDD to BOOT2
VDD = 5 V, ISOURCE = 10 mA
2.8
6.6
10.4
Ω
RB2P
RDS(on) BOOT2 to PVDD
VDD = 5 V, ISOURCE = 10 mA
2.8
5.6
8.4
Ω
RPB1
RDS(on) PVDD to BOOT1
VDD = 5 V, ISOURCE = 10 mA
2.9
5.9
8.9
Ω
POWER GOOD
VPGD
Pull-down voltage
VOSNS = 0.8 V, IPWRGD = 0.5 mA, VDD = 3.3 V
50
90
140
mV
Output sense high to power
0.7 V
≤ VOSNS ≤ 0.8 V, IPWRGD = 0.5 mA,
tONHPL
6
10
14
µs
good low delay time
VDD = 3.3 V
Output sense low to power
0.6 V
≤ VOSNS ≤ 0.7 V, IPWRGD = 0.5 mA,
tONLPL
6
10
14
µs
good low delay time
VDD = 3.3 V
Shutdown high to power good
VOSNS = 0.7 V, IPWRGD = 0.5 mA, VDD = 3.3 V,
tSDHPH
2
4
6
µs
high delay time
0 V
≤ VSS/SD ≤ 0.4 V
Shutdown low to power good
VOSNS = 0.7 V, IPWRGD = 0.5 mA, VDD = 3.3 V,
tSDLPL
0.5
1.5
3
µs
low delay time
0 V
≤ VSS/SD ≤ 0.4 V
Output sense high to nominal
0.7 V
≤ VOSNS ≤ 0.8 V, IPWRGD = 0.5 mA,
tONHPH
140
500
1000
ns
to power good high delay time
VDD = 3.3 V
Output sense low to nominal
0.6 V
≤ VOSNS ≤ 0.7 V, IPWRGD = 0.5 mA,
tONLPH
140
500
1000
ns
to power good high delay time
VDD = 3.3 V
TRANSIENT COMPARATORS
Overvoltage output threshold
23
29
35
voltage
VOV
Referenced to VFB
mV
Hysteresis
8
15
22
Undervoltage output threshold
-37
-31
-25
voltage
VUV
Referenced to VFB
mV
Hysteresis
8
15
22
OSNS minimum disable
VDIS
Referenced to VDD
0.5
V
voltage
(3)
Specified by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40021-EP


Similar Part No. - TPS40021-EP_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40021-EP_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com