Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS24710 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24710
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24710 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS24710 Datasheet HTML 7Page - Texas Instruments TPS24710 Datasheet HTML 8Page - Texas Instruments TPS24710 Datasheet HTML 9Page - Texas Instruments TPS24710 Datasheet HTML 10Page - Texas Instruments TPS24710 Datasheet HTML 11Page - Texas Instruments TPS24710 Datasheet HTML 12Page - Texas Instruments TPS24710 Datasheet HTML 13Page - Texas Instruments TPS24710 Datasheet HTML 14Page - Texas Instruments TPS24710 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
0.2
0.3
0.4
0.5
0.6
0.7
V
= 0 V
EN
T = 25°C
T = 125°C
T = –40°C
60
80
100
120
140
160
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
60
50
–2
0
10
40
70
100
130
Temperature (°C)
60.5
61
61.5
62
62.5
63
63.5
64
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
60
80
100
120
140
160
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
2.20
2.24
2.28
2.32
2.36
UVLO Upper Threshold
UVLO Lower Threshold
140
160
180
200
220
240
50
–2
0
10
40
70
100
130
Temperature(°C)
PGFallingandPGbRising
PGbFalling
PGRisingand
11
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 16. UVLO Threshold Voltage vs Temperature
Figure 17. Threshold Voltage of VDS vs Temperature, PGb
and PG Rising and Falling
Figure 18. Fast-Trip Threshold Voltage vs Temperature
Figure 19. PG and PGb Open-Drain Output Voltage in Low
State
Figure 20. FLT and FLTb Open-Drain Output Voltage in Low
State
Figure 21. Supply Current vs Input Voltage at Various
Temperatures When EN Pulled Low


Similar Part No. - TPS24710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com