Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B6350QPWPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6350QPWPRQ1
Description  300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6350QPWPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7B6350QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS7B6350QPWPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
V
(5 V/div)
IN
V
(1 V/div)
OUT
V
(50 mV/div)
OUT(AC)
I
(200 mA/div)
OUT
V
(5 V/div)
IN
V
(1 V/div)
OUT
V
(50 mV/div)
OUT(AC)
I
(200 mA/div)
OUT
V
OUT (1 V/div)
V
IN (10 V/div)
V
OUT(AC) (100 mV/div)
I
OUT (10 mA/div)
V
(10 V/div)
IN
V
(1 V/div)
OUT
V
(100 mV/div)
OUT(AC)
I
(10 mA/div)
OUT
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
D013
ESR (W)
1
4.7
10
100
500
1k
0.001
0.01
0.1
1
10 20
D014
table Region
S
Unstable Region
table Region
Uns
10
TPS7B6333-Q1, TPS7B6350-Q1
SLVSDU9A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 14 V, VEN ≥ 2 V, TJ = –40ºC to 150ºC unless otherwise noted
COUT = 10 μF
IOUT = 100 mA
TA = 25°C
Figure 13. PSRR vs Frequency
Figure 14. ESR Stability vs Output Capacitance
VIN = 6 V to 40 V
VOUT = 5 V
COUT = 10 µF
IOUT = 1 mA
Figure 15. Line Transient
VIN = 40 V to 6 V
VOUT = 5 V
COUT = 10 µF
IOUT = 1 mA
Figure 16. Line Transient
VIN = 6 V to 40 V
VOUT = 5 V
COUT = 10 µF
IOUT = 200 mA
Figure 17. Line Transient
VIN = 40 V to 6 V
VOUT = 5 V
COUT = 10 µF
IOUT = 200 mA
Figure 18. Line Transient


Similar Part No. - TPS7B6350QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6350QPWPRQ1 TI1-TPS7B6350QPWPRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6350QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com