Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A6301QPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6301QPWPRQ1
Description  300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6301QPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A6301QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS7A6301QPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
VIN(POWERUP)
VIN
VOUT
0
0
V
= 93% of V
TH(POR)
OUT
VTH(RDELAY)
VRDELAY
VnRST
tPOR
0
0
VIN
VOUT
0
0
VTH(POR)
VnRST
0
0
t < tDEGLITCH
UVTHRES
tDEGLITCH
t>tDEGLITCH
tPOR
VTH(RDELAY)
VRDELAY
POR
6
CDLY
3
t
1 10-
´
=
´
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
www.ti.com
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
7.3 Feature Description
7.3.1 Power Up, Reset Delay, and Reset Output
During power up, the regulator incorporates a protection scheme to limit the current through the pass element
and output capacitor. When the input voltage exceeds a certain threshold (VIN(POWERUP)) level, the output voltage
begins to ramp up as shown in Figure 16.
When starting up, and also when the output recovers from a negative voltage spike due to a load step or a dip in
the input voltage for a specified duration, the device implements reset delay to indicate that output voltage is
stable and in regulation.
When the output voltage reaches the power-on-reset threshold (VTH(POR)) level, that is, 93% of regulated output
voltage (3.3 V or 5 V, or a programmed value), a constant output current charges an external capacitor (CDLY) to
an internal threshold (VTH(RDELAY)) voltage level. Then, nRST asserts high and CDLY discharges through an
internal load. This allows CDLY to charge from approximately 0 V during the next power cycle.
Program the reset delay time by connecting an external capacitor (CDLY ,100 pF to 100 nF) to the RDELAY pin.
Equation 1 gives the delay time:
where
tPOR = reset delay time in seconds
CDLY = reset delay capacitor value in farads
(1)
Figure 16. Power Up and Conditions for Activation
Figure 17. Reset Delay and Deglitch Filter
of Reset
As Figure 17 shows, if the regulated output voltage falls below 93% of the set level, nRST asserts low after a
short de-glitch time of approximately 5.5 µs (typical). In case of negative transients in the input voltage (VIN), the
reset signal asserts low only if the output (VOUT) drops and stays below the reset threshold level (VTH(POR)) for
more than the deglitch time (tDEGLITCH), as Figure 17 and Figure 20 illustrate. While nRST is low, if the input
voltage returns to the nominal operating voltage, the normal power-up sequence ensues. nRST asserts high only
if the output voltage exceeds the reset threshold voltage (VTH(POR)) and the reset delay time (tPOR) has elapsed.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301QPWPRQ1 TI1-TPS7A6301QPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com