Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7B6333-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7B6333-Q1
Description  300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6333-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7B6333-Q1_17 Datasheet HTML 1Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 2Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 3Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 4Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 5Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 6Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 7Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 8Page - Texas Instruments TPS7B6333-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
IN
16
OUT
2
EN
15
PGADJ
3
FSEL
14
PG
4
WTS
13
GND
5
GND
12
WRS
6
NC
11
WD_EN
7
ROSC
10
WDO
8
DELAY
9
WD
Not to scale
Thermal
pad
3
TPS7B6333-Q1, TPS7B6350-Q1
www.ti.com
SLVSDU9A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
PWP PowerPAD™ Package
16-Pin HTSSOP With Exposed Thermal Pad
Top View
NC - No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DELAY
8
O
Power-good delay-period adjustment pin. Connect this pin via a capacitor to ground to adjust
the power-good delay time.
EN
2
I
Device enable pin. Pull this pin down to low-level voltage to disable the device. Pull this pin
up to high-level voltage to enable the device.
FSEL
3
I
Internal oscillator-frequency selection pin. Pull this pin down to low-level voltage to select the
high-frequency oscillator. Pull this pin up to high-level voltage to select the low-frequency
oscillator.
GND
5, 13
Ground reference
IN
1
I
Device input power supply pin
NC
6
Not connected
OUT
16
O
Device 3.3-V or 5-V regulated output-voltage pin
PG
14
O
Power-good pin. Open-drain output pin. Pull this pin up to VOUT or to a reference through a
resistor. When the output voltage is not ready, this pin is pulled down to ground.
PGADJ
15
O
Power-good threshold-adjustment pin. Connect a resistor divider between the PGADJ and
OUT pins to set the power-good threshold. Connect this pin to ground to set the threshold to
91.6% of output voltage VOUT.
ROSC
7
O
Watchdog timer adjustment pin. Connect a resistor between the ROSC pin and the GND pin
to set the duration of the watchdog monitor. Leaving this pin open or connecting this pin to
ground results in the watchdog reporting a fault at the watchdog output (WDO).
WD
9
I
Watchdog service-signal input pin.
WDO
10
O
Watchdog status pin. Open-drain output pin. Pull this pin up to OUT or a reference voltage
through a resistor. When watchdog fault occurs, this pin is pulled down to a low-level voltage.
WD_EN
11
I
Watchdog enable pin. Pull this pin down to a low level to enable the watchdog. Pull this pin
up to a high level to disable the watchdog.
WRS
12
I
Window ratio-selection pin (only applicable for the window watchdog). Pull this pin down to a
low level to set the open:closed window ratio to 1:1. Pull this pin up to high level to set the
open:closed window ratio to 8:1.
WTS
4
O
Watchdog type-selection pin. To set the window watchdog, connect this pin to the GND pin.
To set the standard watchdog, pull this pin high.
Thermal pad
Solder to board to improve the thermal performance.


Similar Part No. - TPS7B6333-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6333-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com