Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A1601-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS7A1601-Q1
Description  60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A1601-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 12Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 13Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 14Page - Texas Instruments TPS7A1601-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS7A1601-Q1
OUT
GND
C
IN
IN
EN
V
IN
V
OUT
V
EN
DELAY
PG
C
OUT
FB
V
PG
R
PG
C
FF
R
1
R
2
C
DELAY
V
OUT
V
REF
-
1
R = R
1
2
Where:
11
TPS7A1601-Q1, TPS7A1633-Q1, TPS7A1650-Q1
www.ti.com
SBVS188D – MARCH 2012 – REVISED MAY 2016
Product Folder Links: TPS7A1601-Q1 TPS7A1633-Q1 TPS7A1650-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS7A16xx-Q1 family of ultralow-power voltage regulators offers the benefit of ultralow quiescent current,
high input voltage, and miniaturized, high-thermal-performance packaging.
The TPS7A16xx-Q1 are designed for continuous or sporadic (power backup) battery-operated applications where
ultralow quiescent current is critical to extending system battery life.
8.2 Typical Applications
8.2.1 TPS7A1601-Q1 Circuit as an Adjustable Regulator
Figure 14. TPS7A1601-Q1 Circuit as an Adjustable Regulator Schematic
8.2.1.1 Design Requirements
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
5.5 V to 40 V
Output voltage
5 V
Output current rating
100 mA
Output capacitor range
2.2
μF to 100 μF
Delay capacitor range
100 pF to 100 nF
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Adjustable Voltage Operation
The TPS7A1601-Q1 has an output voltage range from 1.194 V to 20 V. The nominal output of the device is set
by two external resistors, as shown in Figure 15:


Similar Part No. - TPS7A1601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Similar Description - TPS7A1601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com