Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2S300YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S300YFFR
Description  USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S300YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2S300YFFR Datasheet HTML 2Page - Texas Instruments TPD2S300YFFR Datasheet HTML 3Page - Texas Instruments TPD2S300YFFR Datasheet HTML 4Page - Texas Instruments TPD2S300YFFR Datasheet HTML 5Page - Texas Instruments TPD2S300YFFR Datasheet HTML 6Page - Texas Instruments TPD2S300YFFR Datasheet HTML 7Page - Texas Instruments TPD2S300YFFR Datasheet HTML 8Page - Texas Instruments TPD2S300YFFR Datasheet HTML 9Page - Texas Instruments TPD2S300YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
TPD2S300
SLVSDL1 – APRIL 2017
www.ti.com
Product Folder Links: TPD2S300
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSTBUS_CC_
CLAMP
Short-to-VBUS system-side
clamping voltage on the CCx pins
Hot-Plug C_CCx with a 1-meter
USB Type C Cable. Hot-plug
voltage C_CCx = 2 4V. VPWR = 3.3
V. Place a 30-Ω load on CCx
8
V
POWER SUPPLY AND LEAKAGE CURRENTS
VPWR_UVLO
VPWR undervoltage lockout
threshold
Place 1 V on VPWR and raise the
voltage until the CC FETs turn ON
1.9
2.3
2.55
V
VPWR_UVLO_
HYS
VPWR UVLO hysteresis
Place 3 V on VPWR and lower the
voltage until the CC FETs turn off.
Calculate the difference between
the rising and falling UVLO
threshold
50
100
200
mV
IVPWR_1S
VPWR quiescent current for 1S
battery
VPWR = 3.3 V, VM = 3.3 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
3.23
7
µA
IVM_1S
VM quiescent current for 1S
battery
VPWR = 3.3 V, VM = 3.3 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
1
µA
IVPWR_1S_Ma
x
VPWR quiescent current for 1S
battery max
VPWR = 4.5 V, VM = 4.5 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
12
µA
IVM_1S_Max
VM quiescent current for 1S
battery max
VPWR = 4.5 V, VM = 4.5 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
1
µA
IVPWR_3S
VPWR quiescent current for 3S
battery
VPWR = 3.6 V, VM = 13.5 V,
C_CCx = 3.6 V, –40°C
≤ TJ ≤ 105°C
8
µA
IVM_3S
VM quiescent current for 3S
battery
VPWR = 3.6 V, VM = 13.5 V,
C_CCx = 3.6 V, –40°C
≤ TJ ≤ 105°C
3.5
µA
IVPWR_4S
VPWR quiescent current for 4S
battery
VPWR = 3.6 V, VM = 18 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
8
µA
IVM_4S
VM quiescent current for 4S
battery
VPWR = 3.6 V, VM = 18 V, C_CCx
= 3.6 V, –40°C
≤ TJ ≤ 105°C
4.5
µA
ICC_LEAK
Leakage current for CC pins when
device is powered
VPWR = 3.3 V, VM = 3.3 V,
VC_CCx = 3.6 V, CCx pins are
floating, measure leakage into
C_CCx pins. Result must be same if
CCx side is biased and C_CCx is
left floating
5
µA
IC_CC_LEAK_
OVP
Leakage current for C_CCx pins
when device is in OVP
VPWR = VM = 0 V or 3.3 V,
VC_CCx = 24 V, CCx = 0 V,
measure leakage into C_CCx pins
1500
µA
ICC_LEAK_OV
P
Leakage current for CCx pins
when device is in OVP
VPWR = VM = 0 V or 3.3 V,
VC_CCx = 24 V, CCx = 0 V,
measure leakage flowing out of CCx
pins
40
µA
FLT PIN
VOL
Low-level output voltage for FLT
pin
IOL = 3 mA. Measure the voltage at
the FLT pin
0.4
V


Similar Part No. - TPD2S300YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI1-TPD2S017 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI-TPD2S017DBVR Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI1-TPD2S017DBVR Datasheet
929Kb / 16P
[Old version datasheet]   2-Channel Ultra-Low Clamp Voltage ESD Solution
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S300YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Kinetic Technologies.
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
   USB Type-C Protector for CC Pins
July 2020 - Revision 04c
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
   USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com