Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2S300 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S300
Description  USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S300 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2S300 Datasheet HTML 1Page - Texas Instruments TPD2S300 Datasheet HTML 2Page - Texas Instruments TPD2S300 Datasheet HTML 3Page - Texas Instruments TPD2S300 Datasheet HTML 4Page - Texas Instruments TPD2S300 Datasheet HTML 5Page - Texas Instruments TPD2S300 Datasheet HTML 6Page - Texas Instruments TPD2S300 Datasheet HTML 7Page - Texas Instruments TPD2S300 Datasheet HTML 8Page - Texas Instruments TPD2S300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPD2S300
www.ti.com
SLVSDL1 – APRIL 2017
Product Folder Links: TPD2S300
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information
THERMAL METRIC(1)
TPD2S300
UNIT
YFF (WCSP)
9 PINS
RθJA
Junction-to-ambient thermal resistance
107.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
28.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
28.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CC OVP SWITCHES
RON_VCONN_
1
On resistance of CC OVP FETs
VCONN operation
VM = 8.7 V, CCx = 3 V, ICCx = 0.6
A,
–40°C
≤ TJ ≤ 105°C
0.560
Ω
RON_VCONN_
2
On resistance of CC OVP FETs
VCONN operation
VM = 8.7 V, CCx = 4.87 V, ICCx =
0.2 A, –40°C
≤ TJ ≤ 105°C
0.608
Ω
RON_FRS
On resistance of CC OVP FETs
fast role swap operation
VM = 2.7 V, CCx = 0.49 V, ICCx =
30 mA, –40°C
≤ TJ ≤ 105°C
1.3
Ω
RON_CC_ANA
On resistance of CC OVP FETs
CC analog operation
VM = 2.7 V, CCx = 2.45 V, ICCx =
400 µA, –40°C
≤ TJ ≤ 105°C
18.7
Ω
RON_PD
On resistance of CC OVP FETs
CC USB-PD operation
VM = 2.7 V, CCx = 1.2 V, ICCx =
250 µA, –20°C
≤ TJ ≤ 105°C
13
Ω
RONFLAT_VC
ONN_1
On resistance flatness of CC OVP
FETs VCONN operation
VM = 8.7 V, sweep CCx from 0 V to
5.5 V, measure the difference in
resistance. ICCx = 0.2 A, –40°C ≤ TJ
≤ 105°C
0.2
Ω
CON_CC
Equivalent on capacitance for CC
pins
Capacitance from C_CCx or CCx to
GND when device is powered.
VC_CCx/VCCx = 0 V to 1.2 V, f = 400
kHz, –40°C
≤ TJ ≤ 105°C
30
120
pF
VTH_DB
Threshold voltage of the pull-down
FET in series with RD during dead
battery
I_C_CCx = 80 uA
0.5
0.9
1.2
V
RD
Dead battery pull-down resistance
(only present when device is
unpowered). Effective resistance
of RD and FET in series
VPWR = 0 V, VC_CCx = 2.6 V
4.1
5.1
6.1
VOVPCC_RISE
Rising overvoltage protection
threshold on C_CCx pins
Place 5.5 V on C_CCx pins. Step
up voltage until the FLT pin is
asserted .–20°C
≤ TJ ≤ 105°C
5.55
6.18
V
VOVPCC_HYS OVP threshold hysteresis
Place 6.5 V on C_CCx. Step down
the voltage on C_CCx until the FLT
pin is deasserted. Measure the
difference between rising and falling
OVP thresholds
50
mV
BWON
On bandwidth single ended (–3dB)
Measure the –3-dB bandwidth from
C_CCx to CCx. Single ended
measurement, 50-Ω system. Vcm =
0 V to 1.2 V
80
MHz
VSTBUS_CC
Short-to-VBUS tolerance on the
C_CCx pins
Hot-Plug C_CCx with a 1 meter
USB Type C Cable. Place a 30-Ω
load on CCx
24
V


Similar Part No. - TPD2S300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI1-TPD2S017 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI-TPD2S017DBVR Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI1-TPD2S017DBVR Datasheet
929Kb / 16P
[Old version datasheet]   2-Channel Ultra-Low Clamp Voltage ESD Solution
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Kinetic Technologies.
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
   USB Type-C Protector for CC Pins
July 2020 - Revision 04c
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
   USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com