Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52693SP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M52693SP
Description  BURST LOCK CLOCK GENERATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52693SP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M52693SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52693SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BURST LOCK CLOCK GENERATOR
M52693SP
MITSUBISHI ICs (AV COMMON)
1
19
PIN
V4fSCL
GND
21
PIN
GND
fSC
4fSC
fcp (+)
1) Raise the frequency of SG8 input signal so that the signal is
synchronous with pin
output signal.
2) Lower the SG8 frequency.
3) Measure the SG8 frequency (f1) when the SG8 input signal is
synchronous with the pin
output signal.
4) fcp(+) = f1 - fc (fc = 3.579545MHz)
fcp (-)
1) Lower the frequency of SG8 input signal so that the signal is
synchronous with pin
output signal.
2) Raise the SG8 frequency.
3) Measure the SG8 frequency (f2) when the SG8 input signal is
synchronous with the pin
output signal.
4) fcp(-) = f2 - fc (fc = 3.579545MHz)
19
19
19
19
C-IN
Make sure that the pin
input signal is synchronous with the pin
output signal when the input amplitude of pin
is 0.20VP-P.
Then make sure that the pin
input signal is synchronous with the
pin
output signal when the input amplitude is 0.01VP-P.
19
19
13
13
13
GPIPSC
Pin
= 2.185V V1 = Amplitude of pin
V23 = Amplitude of pin
GPIPSC = 20 log (V1/V23)
GPIP
Measure pin
gain in correspondence to the "H" and "L" states of
pin
.
fBWPIP
Measure pin
frequency characteristics in correspondence to the
"H" and "L" states of pin
. Condition:
≤-3dB
fBWPIPS
Condition:
≤-3dB
12
1
20
1
20
23
CTPIPS
Apply 5.0V to pin
. Define as VOS1 the amplitude which appears
at pin
a when pin
is "H", and as VOM1 the amplitude which
appears when pin
is "L". Then apply 0V to pin
. Define as
VOS2 the amplitude which appears at pin
when pin
is "H",
and as VOM2 the amplitude which appears at pin
when "L".
CTPIPS is given under the above conditions by the equation given
below.
CTPIPS=20log (VOMI/VOSI), 201log (VOM2/VOS2)
VCAtyp, VCAmax, VCAmin, Gmax, Lvca
20 log {(amplitude of pin 23)/SG5}
V4fSCH, L; VfSCH, L; 4fsc; fsc
Make sure that the input signal at pin
is synchronous with the
output signal at pin
.
1
20
1
17
17
1
17
19
20
13
V4fSCH
VfSCL
VfSCH


Similar Part No. - M52693SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
More results

Similar Description - M52693SP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1862 NEC-UPC1862 Datasheet
252Kb / 32P
   BURST LOCK CLOCK GENERATOR
UPC1861 NEC-UPC1861 Datasheet
339Kb / 7P
   HORIZONTAL LOCK CLOCK GENERATOR
logo
List of Unclassifed Man...
FS6131-01 ETC1-FS6131-01 Datasheet
434Kb / 39P
   Programmable Line Lock Clock Generator IC
logo
ON Semiconductor
FS6131 ONSEMI-FS6131_08 Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com