Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0458300227 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0458300227
Description  1.20mm by 2.00mm Pitch HD Mezz Plug, 351 Circuits, 8.00mm Unmated Height, 27 Rows, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0458300227 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0458300227_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0458300227_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unmated Height
8.00mm
Electrical
Current - Maximum per Contact
2.0A
Voltage - Maximum
250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
020
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Electrical Model Document
EE-45802-0016
Product Specification
PS-45802-001-001, TS-45830-9003-001
S-Parameter Model
SP-45802_45830
Sales Drawing
RSD-45830-0001, SD-45830-0001, SD-45830-0002
This document was generated on 03/07/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0458300227_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458300227 MOLEX6-0458300227 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 351 Circuits, 8.00mm (.315") Unmated Height, 27 Rows, Tin (Sn) Plating
More results

Similar Description - 0458300227_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458300815 MOLEX1-0458300815_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 351 Circuits, 8.00mm Unmated Height, 27 Rows, Tin (Sn) Plating
0458300227 MOLEX6-0458300227 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 351 Circuits, 8.00mm (.315") Unmated Height, 27 Rows, Tin (Sn) Plating
0458020227 MOLEX1-0458020227_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 351 Circuits, 8.00mm Unmated Height, 27 Rows, Lead-Free
0458300215 MOLEX1-0458300215_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 195 Circuits, 8.00mm Unmated Height, 15 Rows, Tin (Sn) Plating
0458300207 MOLEX1-0458300207_17 Datasheet
42Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 91 Circuits, 8.00mm Unmated Height, 7Rows, Tin (Sn) Plating
0458300223 MOLEX6-0458300223 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug, 299 Circuits, 8.00mm (.315") Unmated Height, 23 Rows, Tin (Sn) Plating
0458300215 MOLEX6-0458300215 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 195 Circuits, 8.00mm (.315") Unmated Height, 15 Rows, Tin (Sn) Plating
0458300223 MOLEX1-0458300223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 8.00mm Unmated Height
0458300015 MOLEX6-0458300015 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug, 195 Circuits, 8.00mm (.314") Unmated Height, 15 Rows, Tin (Sn)/Lead (Pb) Plating
0458300023 MOLEX6-0458300023 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 299 Circuits, 8.00mm (.314") Unmated Height, 23 Rows
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com