Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S54I-01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 853S54I-01
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54I-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  853S54I-01 Datasheet HTML 1Page - Integrated Device Technology 853S54I-01 Datasheet HTML 2Page - Integrated Device Technology 853S54I-01 Datasheet HTML 3Page - Integrated Device Technology 853S54I-01 Datasheet HTML 4Page - Integrated Device Technology 853S54I-01 Datasheet HTML 5Page - Integrated Device Technology 853S54I-01 Datasheet HTML 6Page - Integrated Device Technology 853S54I-01 Datasheet HTML 7Page - Integrated Device Technology 853S54I-01 Datasheet HTML 8Page - Integrated Device Technology 853S54I-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
©2017 Integrated Device Technology, Inc.
March 2, 2017
853S54I-01 Datasheet
Table 4C. LVPECL DC Characteristics, VCC = 3.3V, VEE = 0V, TA = -40°C to 85°C
NOTE: Input and output parameters vary 1:1 with VCC. VCC can vary +0.165V to -0.925V.
NOTE 1: Common mode voltage is defined as VIH.
NOTE 2: For single-ended applications, the maximum input voltage for INAx, nINAx and INB, nINB is VCC + 0.3V.
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output
High Voltage;
NOTE 1
VCC-1.125
VCC-1.02
5
VCC-0.87
5
VCC-1.07
5
VCC-1.00
5
VCC-0.8
80
VCC-1.01
5
VCC-0.9
7
VCC-0.8
85
V
VOL
Output
Low Voltage;
NOTE 1
VCC-1.895
VCC-1.75
5
VCC-1.62
VCC-1.87
5
VCC-1.78
VCC-1.6
85
VCC-1.86
VCC-1.7
65
VCC-1.6
7
V
VPP
Peak-to-Peak
Input Voltage;
NOTE 2
150
800
1200
150
800
1200
150
800
1200
mV
VCMR
Common Mode
Input Voltage;
NOTE 1
1.2
VCC
1.2
VCC
1.2
VCC
V
IIH
Input
High
Current
INAx,
INB
nINA,
nINB
150
150
150
µA
IIL
Input
Low
Current
INAx,
INB
-10
-10
-10
µA
nINA,
n
INB
-150
-150
-150
µA


Similar Part No. - 853S54I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
More results

Similar Description - 853S54I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com