Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG830 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FG830
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG830 Datasheet(HTML) 5 Page - Integrated Device Technology

  9FG830_17 Datasheet HTML 1Page - Integrated Device Technology 9FG830_17 Datasheet HTML 2Page - Integrated Device Technology 9FG830_17 Datasheet HTML 3Page - Integrated Device Technology 9FG830_17 Datasheet HTML 4Page - Integrated Device Technology 9FG830_17 Datasheet HTML 5Page - Integrated Device Technology 9FG830_17 Datasheet HTML 6Page - Integrated Device Technology 9FG830_17 Datasheet HTML 7Page - Integrated Device Technology 9FG830_17 Datasheet HTML 8Page - Integrated Device Technology 9FG830_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
5
Electrical Characteristics - Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
Electrical Characteristics - Input/Supply/Common Parameters
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
TCOM
Commmercial range
0
70
°C
1
TIND
Industrial range
-40
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2VDD + 0.3
V
1
Input Low Voltage
VIL
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
GND - 0.3
0.8
V
1
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
1
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
1
SEL14M_25M# = 0
25
MHz
1
SEL14M_25M# = 1
14.31818
MHz
1
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs
1.5
5
pF
1
CINXTAL
Crystal inputs
6
pF
1
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
2.5
ms
1,2
SS Modulation Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
cycles
1,3
Tdrive_STOP#
tDRVDS
DIF output enable after
DIF_STOP# de-assertion
300
us
1,3
Tfall
tF
Fall time of control inputs
5
ns
1,2
Trise
tR
Rise time of control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
0.8
V
1
SMBus Input High Voltage
VIHSMB
2.1
VDDSMB
V1
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
1
SMBus Sink Current
IPULLUP
@ VOL
4mA
1
Nominal Bus Voltage
VDDSMB
3V to 5V +/- 10%
2.7
5.5
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
Ambient Operating
Temperature
Input Current
3Time from deassertion until outputs are >200 mV
Capacitance
Input Frequency
Fin


Similar Part No. - 9FG830_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG830AFILF IDT-9FG830AFILF Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG830AFILF RENESAS-9FG830AFILF Datasheet
341Kb / 20P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
logo
Integrated Device Techn...
9FG830AFILFT IDT-9FG830AFILFT Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG830AFILFT RENESAS-9FG830AFILFT Datasheet
341Kb / 20P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
logo
Integrated Device Techn...
9FG830AFLF IDT-9FG830AFLF Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
More results

Similar Description - 9FG830_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG830 RENESAS-9FG830 Datasheet
341Kb / 20P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com