Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG430AFLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FG430AFLF
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430AFLF Datasheet(HTML) 3 Page - Integrated Device Technology

  9FG430AFLF Datasheet HTML 1Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 2Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 3Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 4Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 5Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 6Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 7Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 8Page - Integrated Device Technology 9FG430AFLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT®
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681D—04/04/17
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
vFS2
IN
Frequency select pin. This pin has an internal 120k pull down resistor
7
DIF_3
OUT
0.7V differential true clock output
8
DIF_3#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock output
12
DIF_2#
OUT
0.7V differential Complementary clock output
13
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
vSPREAD
IN
Asynchronous, active high input to enable spread spectrum functionality. This pin
has a 120Kohm pull down resistor.
17
^SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. This pin has an internal 120kohm
pull up resistor.
1 = 14.31818 MHz, 0 = 25 MHz
18
DIF_1#
OUT
0.7V differential Complementary clock output
19
DIF_1
OUT
0.7V differential true clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential Complementary clock output
23
DIF_0
OUT
0.7V differential true clock output
24
vFS1
IN
Frequency select pin.
25
vFS0
IN
Frequency select pin.
26
IREF
OUT
This pin establishes the reference for the differential current-mode output pairs. It
requires a fixed precision resistor to ground. 475ohm is the standard value for
100ohm differential impedance. Other impedances require different values. See
data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.
Note:
^ indicates internal 120K pull up
v indicates internal 120K pull down


Similar Part No. - 9FG430AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430AFLF IDT-9FG430AFLF Datasheet
211Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG430AFLFT IDT-9FG430AFLFT Datasheet
211Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
More results

Similar Description - 9FG430AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
   Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
logo
Integrated Device Techn...
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG830 RENESAS-9FG830 Datasheet
341Kb / 20P
   Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
   12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
   Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com