Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0741AKILF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9DBV0741AKILF
Description  7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0741AKILF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9DBV0741AKILF Datasheet HTML 5Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 6Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 7Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 8Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 9Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 10Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 11Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 12Page - Integrated Device Technology 9DBV0741AKILF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MARCH 10, 2017
9
7-OUTPUT 1.8V HCSL FANOUT BUFFER WITH ZO=100OHMS
9DBV0741 DATASHEET
Additive Phase Jitter Plot: 125M (12kHz to 20MHz)


Similar Part No. - 9DBV0741AKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBV0741AKILF RENESAS-9DBV0741AKILF Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
9DBV0741AKILFT RENESAS-9DBV0741AKILFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0741AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0941 IDT-9DBV0941_17 Datasheet
255Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
   6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com