Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTW67-600 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTW67-600
Description  50A SCRs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW67-600 Datasheet(HTML) 4 Page - STMicroelectronics

  BTW67-600 Datasheet HTML 1Page - STMicroelectronics BTW67-600 Datasheet HTML 2Page - STMicroelectronics BTW67-600 Datasheet HTML 3Page - STMicroelectronics BTW67-600 Datasheet HTML 4Page - STMicroelectronics BTW67-600 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BTW67 and BTW69 Series
4/5
PACKAGE MECHANICAL DATA
RD91 (Plastic)
Fig.
7:
On-state
characteristics
(maximum
values).
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
40.00
1.575
A1
29.90
30.30
1.177
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.551
C1
3.50
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°


Similar Part No. - BTW67-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW67-600 STMICROELECTRONICS-BTW67-600 Datasheet
84Kb / 6P
   50A SCRS
logo
New Jersey Semi-Conduct...
BTW67-600 NJSEMI-BTW67-600 Datasheet
293Kb / 4P
   STANDARD 50A SCRs
logo
STMicroelectronics
BTW67-600RG STMICROELECTRONICS-BTW67-600RG Datasheet
84Kb / 6P
   50A SCRS
BTW67-600RG STMICROELECTRONICS-BTW67-600RG Datasheet
88Kb / 6P
   50A SCRS
More results

Similar Description - BTW67-600

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTW69-800 TGS-BTW69-800 Datasheet
194Kb / 1P
   50A SCRs
logo
STMicroelectronics
BTW67 STMICROELECTRONICS-BTW67_06 Datasheet
84Kb / 6P
   50A SCRS
BTW67-1000 STMICROELECTRONICS-BTW67-1000 Datasheet
88Kb / 6P
   50A SCRS
BTW67-200 STMICROELECTRONICS-BTW67-200 Datasheet
88Kb / 6P
   50A SCRS
logo
Tiger Electronic Co.,Lt...
BTW69-1200 TGS-BTW69-1200 Datasheet
194Kb / 1P
   50A SCRs
logo
New Jersey Semi-Conduct...
BTW67 NJSEMI-BTW67 Datasheet
293Kb / 4P
   STANDARD 50A SCRs
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com