Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1040HEWS_R2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS1040HEWS_R2_00001
Description  SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HEWS_R2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS1040HEWS_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1040HEWS_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1040HEWS_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1040HEWS_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1040HEWS_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
April 14,2016-REV.10
SS1040HEWS
Fig.1 Forward Current Derating Curve
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.4 Typical Forward Characteristics
TL, Lead Temperature (°C)
VR, Reverse Bias Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
VF, Forward Voltage (V)
0
25
50
75
100
150
0
0.25
0.5
0.75
1
125
20
40
60
80
100
0.001
0.01
0.1
1
10
100
T=25 C
J
o
T =150 C
J
o
T=75 C
J
o
T =125 C
J
o
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
3
T J = 150°C
T J = 125°C
T J =75°C
T J =25°C
10
100
1000
0.1
1
10
100
0
10
20
30
40
50
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


Similar Part No. - SS1040HEWS_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS1040HEWS-AU PANJIT-SS1040HEWS-AU Datasheet
98Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1040HEWS_R2_00001

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com