Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24702PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24702PW
Description  MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24702PW Datasheet(HTML) 1 Page - Texas Instruments

  BQ24702PW Datasheet HTML 1Page - Texas Instruments BQ24702PW Datasheet HTML 2Page - Texas Instruments BQ24702PW Datasheet HTML 3Page - Texas Instruments BQ24702PW Datasheet HTML 4Page - Texas Instruments BQ24702PW Datasheet HTML 5Page - Texas Instruments BQ24702PW Datasheet HTML 6Page - Texas Instruments BQ24702PW Datasheet HTML 7Page - Texas Instruments BQ24702PW Datasheet HTML 8Page - Texas Instruments BQ24702PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
bq24702, bq24703
SLUS553D − MAY 2003 − REVISED JULY 2005
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
AND SYSTEM POWER SELECTOR
(6,60 mm x 7,90 mm)
Actual Size
1
www.ti.com
FEATURES
D Dynamic Power Management, DPM
Minimizes Battery Charge Time
D Integrated Selector Supports Battery
Conditioning and Smart Battery Learn Cycle
D Zero Volt Operation
D Selector Feedback Circuit Ensures
Break-Before-Make Transition
D ±0.4% Charge Voltage Accuracy, Suitable for
Charging Li-Ion Cells
D ±4% Charge Current Accuracy
D 300-kHz Integrated PWM Controller for
High-Efficiency Buck Regulation
D Depleted Battery Detection and Indication to
Protect Battery From Over Discharge
D 20-µA Sleep Mode Current for Low Battery
Drain
D 24-Pin TSSOP Package and 5 mm × 5 mm
QFN package (bq24703 only)
DESCRIPTION
The bq24702/bq24703 is a highly integrated battery
charge controller and selector tailored for notebook and
sub-notebook PC applications.
The
bq24702/bq24703
uses
dynamic
power
management (DPM) to minimize battery charge time by
maximizing use of available wall-adapter power. This is
achieved by dynamically adjusting the battery charge
current based on the total system (adapter) current.
The bq24702/bq24703 uses a fixed frequency, pulse
width modulator (PWM) to accurately control battery
charge current and voltage. Charge current limits can
be programmed from a keyboard controller DAC or by
external resistor dividers from the precision 5-V,
±0.6%,
externally
bypassed
voltage
reference
(VREF),
supplied by the bq24702/bq24703.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ACDET
ACPRES
ACSEL
BATDEP
SRSET
ACSET
VREF
ENABLE
BATSET
COMP
ACN
ACP
ACDRV
BATDRV
VCC
PWM
VHSP
ALARM
VS
GND
SRP
SRN
IBAT
BATP
bq24702, bq24703
PW PACKAGE
(TOP VIEW)
8
9
10
11
12
13
14
ACSEL
ACPRES
ACDET
ACDRV
BATDRV
NC
VCC
ACN
ACP
NC
NC
BATP
IBAT
NC
28
27
26
25
24
23
22
bq24703
RHD PACKAGE
(BOTTOM VIEW)
NC − No internal connection
Copyright
 2003 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - BQ24702PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24702PW TI1-BQ24702PW Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWG4 TI1-BQ24702PWG4 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWR TI1-BQ24702PWR Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWRG4 TI1-BQ24702PWRG4 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results

Similar Description - BQ24702PW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
   Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com