Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-30X16 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # DEMO-MGA-30X16
Description  쩍 Watt High Linearity Amplifi er
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-30X16 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button DEMO-MGA-30X16 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-30X16 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
S-Parameter Test circuit
Figure 16. S-Parameter Test circuit.
Vg
Vdd
11612A
Bias Network
45 MHZ-26.5 GHz
11612A
Bias Network
45 MHZ-26.5 GHz
J2
RFout
Reference Plane
Reference Plane
Top View
J1
RFin
3
4
1
2
10
9
12
11
Vdd
Vm
Vbias
RFin
NC
NC
NC
RFout
Vdd
RFout


Similar Part No. - DEMO-MGA-30X16

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-30X16B BOARDCOM-DEMO-MGA-30X16B Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
More results

Similar Description - DEMO-MGA-30X16

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30216 BOARDCOM-MGA-30216 Datasheet
217Kb / 14P
   1.7-2.7GHz 쩍 Watt High Linearity Amplifi er
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
DEMO-MGA-30X16B BOARDCOM-DEMO-MGA-30X16B Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30116 AVAGO-MGA-30116_15 Datasheet
311Kb / 17P
   Watt High Linearity Amplifi er
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com