Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103A Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD103A
Description  SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103A Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD103A_16 Datasheet HTML 1Page - Pan Jit International Inc. SD103A_16 Datasheet HTML 2Page - Pan Jit International Inc. SD103A_16 Datasheet HTML 3Page - Pan Jit International Inc. SD103A_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 28,2016­REV.07
SD103A~SD103C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
VOLTAGE
20 to 40 Volt
CURRENT
0.35 Ampere
FEATURES
• Low Forward Voltage Drop
• Guard Ring Construction for Transient Protection
• Low Reverse Recovery Time
• Low Reverse Capacitance
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case: Molded Glass DO-35
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00465 ounces, 0.131 grams
• Packing information
B
- 2K per Bulk box
T/R - 10K per 15" plastic Reel
T/B - 5K per horiz. tape & Ammo box
NOTE :
1. CJ at VR=0, f=1MHZ
2. From IF=50mA to IR=200mA, RL=100
Ω
1
2
Cathode
Anode
PA RA M E TE R
S Y M B O L
S D 103A
S D 103 B
S D 103C
UNI TS
M a r k ing C ode
-
103A
103 B
103C
-
P e a k R epet i t i ve R e ve r s e Vo lt age
V
RRM
40
3 0
20
V
R M S R e ve r s e Vo l t age
V
RM S
28
21
1 4
V
M a x. A ver age R e ct if i ed C ur r ent
I
F( AV )
350
mA
P e a k For w ar d S ur g e C ur r ent , t < 0. 3ms
I
FS M
15
A
P o w e r D i ssi pat io n D e r a t e A bove 25OCP
D
400
m W
M a xi m um For w a r d Vo lt age, I
F =
20m A
I
F =
200m A
V
F
0. 3 7
0. 7
V
M a xi mum R e ve r s e C ur r e nt
I
R
5@ 30V
5@ 20 V
5 @ 1 0V
μA
Ty pic a l Junc t i on C apaci t a nce ( Not e 1)
C
J
50
p F
Ty pic a l R e ve r s e Re cove r y ( Not e 2)
t
rr
10
ns
Ty pic a l Ther ma l R e si st ance
R
θJA
250
O C / W
S t or a ge Te mper at ur e R a ng e
T
ST G
- 6 5 t o + 1 75
O C
O per at i ng Junc t i on Te m per at ur e R a ng e
T
J
- 5 5 t o + 1 25
O C


Similar Part No. - SD103A_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103A VISHAY-SD103A_10 Datasheet
175Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.6, 23-Jul-10
SD103A VISHAY-SD103A_12 Datasheet
105Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.6, 23-Jul-10
SD103A VISHAY-SD103A_15 Datasheet
83Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.7, 06-May-13
logo
GOOD-ARK Electronics
SD103A GOOD-ARK-SD103A_15 Datasheet
136Kb / 3P
   Small-Signal Diode Schottky Diodes
More results

Similar Description - SD103A_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LMSD103A PANJIT-LMSD103A Datasheet
49Kb / 2P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103A PANJIT-LLSD103A Datasheet
46Kb / 2P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LMSD103A PANJIT-LMSD103A_17 Datasheet
165Kb / 5P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103A PANJIT-LLSD103A_14 Datasheet
130Kb / 5P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LQSD103A PANJIT-LQSD103A_09 Datasheet
90Kb / 3P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
SD103A PANJIT-SD103A_09 Datasheet
64Kb / 2P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LMSD103A PANJIT-LMSD103A_09 Datasheet
88Kb / 3P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103A PANJIT-LLSD103A_09 Datasheet
83Kb / 3P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LQSD103A PANJIT-LQSD103A Datasheet
49Kb / 2P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
SD103A PANJIT-SD103A Datasheet
41Kb / 2P
   SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com