Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-6X563A Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # DEMO-MGA-6X563A
Description  Current-Adjustable, Low Noise Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-6X563A Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button DEMO-MGA-6X563A Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-6X563A Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
MGA-61563 Typical Performance, Freq = 0.9 GHz, T
c = 25°C at 50Ω Input and Output
Figure 28. Gain vs. Id (900 MHz).
Id (mA)
0
100
20
40
60
80
25
20
15
10
5
0
Vd 3V
Vd 5V
Figure 29. NF vs. Id (900 MHz).
Id (mA)
0
100
20
40
60
80
3.5
3
2.5
2
1.5
1
0.5
0
Vd 3V
Vd 5V
Figure 30. OIP3 vs. Id (900 MHz).
Id (mA)
0
100
20
40
60
80
40
35
30
25
20
15
10
5
0
Vd 3V
Vd 5V
Figure 31. OP1dB vs. Id (900 MHz).
Id (mA)
0
100
20
40
60
80
22
20
18
16
14
12
10
Vd 3V
Vd 5V


Similar Part No. - DEMO-MGA-6X563A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-6X563 BOARDCOM-DEMO-MGA-6X563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results

Similar Description - DEMO-MGA-6X563A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-61563 BOARDCOM-MGA-61563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
DEMO-MGA-6X563 BOARDCOM-DEMO-MGA-6X563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563-TR1G AVAGO-MGA-61563-TR1G Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com