Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-2XX03 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # DEMO-MGA-2XX03
Description  2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-2XX03 Datasheet(HTML) 2 Page - Broadcom Corporation.

  DEMO-MGA-2XX03 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-2XX03 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ELECTRICAL SPECIFICATIONS
Absolute Minimum and Maximum Ratings
Table 1. Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
VCC1 VCC2
3.3
5.5
V
Bias Supply
BSPLY
3.3
4.2
V
Bias Control
BCTRL
2.8
4.2
V
Bias ON/OFF
BSW
1.8
4.2
V
Mode Control
PAMODE
1.8
4.2
V
RF Input Power
RFIN
15
dBm
Using 16QAM 3/4
MSL
MSL3
Channel Temperature
150
°C
Storage Temperature
-65
150
°C
ESD
Human Body Model
800
V
Man Machine Model
50
V
Table 2. Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
VCC1
VCC2
3
3.3
5
V
Bias Supply
BSPLY
3
3.3
3.5
V
13
mA
Bias Control
BCTRL
2.75
2.8
2.85
V
.7
uA
Bias ON/OFF
BSW
1.65
1.8
2.2
V
725
uA
Mode Control
PAMODE
1.65
1.8
2.2
V
17
25
uA
RF Output Power
RFOUT
25
dBm
Using 16QAM 3/4
Frequency Range
2.3
2.7
GHz
Thermal Resistance,
ch-b
23.4
°C/W
Channel to board
Case Temperature
-40
+85
°C


Similar Part No. - DEMO-MGA-2XX03

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
DEMO-MGA-24106 BOARDCOM-DEMO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
More results

Similar Description - DEMO-MGA-2XX03

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003 AVAGO-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 AVAGO-MGA-22003_15 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-25203 AVAGO-MGA-25203 Datasheet
207Kb / 15P
   5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com